Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC26600 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC26600
Description  7A Hyper Speed ControlTM Synchronous DC-DC Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC26600 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC26600 Datasheet HTML 3Page - Micrel Semiconductor MIC26600 Datasheet HTML 4Page - Micrel Semiconductor MIC26600 Datasheet HTML 5Page - Micrel Semiconductor MIC26600 Datasheet HTML 6Page - Micrel Semiconductor MIC26600 Datasheet HTML 7Page - Micrel Semiconductor MIC26600 Datasheet HTML 8Page - Micrel Semiconductor MIC26600 Datasheet HTML 9Page - Micrel Semiconductor MIC26600 Datasheet HTML 10Page - Micrel Semiconductor MIC26600 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Micrel, Inc.
MIC26600
July 2011
7
M9999-070111-C
Typical Characteristics (Continued)
VDD Shutdown Current
vs. Temperature
0
0.2
0.4
0.6
0.8
1
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VDD Operating Supply Current
vs. Temperature
0.0
2.0
4.0
6.0
8.0
10.0
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VDD UVLO Threshold
vs. Temperature
2.3
2.4
2.5
2.6
2.7
2.8
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 12V
VOUT = 1.2V
VDD = 5V
IOUT = 0A
SWITCHING
Rising
Falling
VIN = 12V
IOUT = 0A
VDD = 5V
VEN = 0V
VIN = 12V
VIN Operating Supply Current
vs. Temperature
0.0
2.0
4.0
6.0
8.0
10.0
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN Shutdown Current
vs. Temperature
0.0
2.0
4.0
6.0
8.0
10.0
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
Current Limit
vs. Temperature
0
5
10
15
20
25
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 12V
VOUT = 1.2V
VDD = 5V
IOUT = 0A
SWITCHING
VIN = 12V
VDD = 5V
IOUT = 0A
VIN = 12V
VOUT = 1.2V
VDD = 5V
Feedback Voltage
vs. Temperature
0.792
0.796
0.800
0.804
0.808
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
Load Regulation
vs. Temperature
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
Line Regulation
vs. Temperature
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
VIN = 12V
VOUT = 1.2V
VDD = 5V
IOUT = 0A to 7A
VIN = 12V
VOUT = 1.2V
VDD = 5V
IOUT = 0A
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 6V to 26V
VOUT = 1.2V
VDD = 5V
Switching Frequency
vs. Temperature
255
270
285
300
315
330
345
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 12V
VOUT = 1.2V
VDD = 5V
IOUT = 0A
EN Bias Current
vs. Temperature
0
20
40
60
80
100
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 12V
VOUT = 1.2V
VDD = 5V


Similar Part No. - MIC26600

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
   7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600YJL MICREL-MIC26600YJL Datasheet
961Kb / 28P
   7A Hyper Speed Control Synchronous DC-DC Buck Regulator
More results

Similar Description - MIC26600

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26950 MICREL-MIC26950_11 Datasheet
776Kb / 28P
   12A Hyper Speed ControlTM Synchronous DC-DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
   7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
   36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC27600 MICREL-MIC27600_11 Datasheet
1Mb / 28P
   36V, 7A Hyper Speed Control??Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28500 MICREL-MIC28500 Datasheet
1Mb / 29P
   75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com