Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM802109 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SM802109
Description  ClockWorks??PCI-e Quad 100MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802109 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SM802109 Datasheet HTML 2Page - Micrel Semiconductor SM802109 Datasheet HTML 3Page - Micrel Semiconductor SM802109 Datasheet HTML 4Page - Micrel Semiconductor SM802109 Datasheet HTML 5Page - Micrel Semiconductor SM802109 Datasheet HTML 6Page - Micrel Semiconductor SM802109 Datasheet HTML 7Page - Micrel Semiconductor SM802109 Datasheet HTML 8Page - Micrel Semiconductor SM802109 Datasheet HTML 9Page - Micrel Semiconductor SM802109 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
SM802109
September 2011
6
M9999-092911-B
hbwhelp@micrel.com or (408) 955-1690
tics
(4, 5)
.3V
±5%,
.3V
±5% or 2.5V ±5%
−40
0Ω to VS
mbol
Pa
Condition
Typ.
Max.
Units
AC El
ical Char
ectr
acteris
.5V
±5%
VDD = VDDO1/2 = 3.3V ±5% or 2
VDD = 3
VDDO1/2 = 3
TA =
°C to +85°C. RL = 5
S
Sy
rameter
Min.
FOUT
uency
100
MHz
Output Freq
FREF
t Freque
25
MHz
Reference Inpu
ncy
TR/TF
Output Rise/Fall Time
20% – 80%
150
300
450
ps
LVPECL
ODC
Output Duty Cycle
48
50
52
%
TSKEW
utput Skew
45
ps
Output-to-O
Note 6
TLOCK
PLL Lock Time
20
ms
Tjit(∅)
RMS Phase Jitter
Integration Ran
(7)
100MHz
ge (1.875MHz – 20MHz)
105
250
fs
Integration Range (12kHz – 20MHz)
Spurious Noise Components
25MHz
−95
dBc
Notes:
5.
All phase noise measurements were taken with an Agilent 5052B phase noise system.
6.
Defined as skew between outputs at the same supply voltage and with equal load conditions; measured at the output differential crossing points.
7.
Measured using 25MHz crystal as the input reference source. If using an external reference input, use a low phase noise source. With an external
reference, the phase noise will follow the input source phase noise up to about 1MHz.


Similar Part No. - SM802109

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMG MICREL-SM802101UMG Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMGR MICREL-SM802101UMGR Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMG MICREL-SM802104UMG Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

Similar Description - SM802109

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
   ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041_14 Datasheet
604Kb / 9P
   ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
PL607041 MICREL-PL607041 Datasheet
565Kb / 11P
   ClockWorks짰 PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Microchip Technology
MX575ABJ100M000 MICROCHIP-MX575ABJ100M000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 100MHz HCSL XO
July 11, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
PL602081UMG MICREL-PL602081UMG Datasheet
646Kb / 15P
   PCIe Octal, Ultra-Low Jitter, HCSL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com