Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NST26-A Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # NST26-A
Description  Broadband Microwave Coaxial Noise Sources 100 MHz to 27 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

NST26-A Datasheet(HTML) 1 Page - Micronetics, Inc.

  NST26-A Datasheet HTML 1Page - Micronetics, Inc. NST26-A Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Broadband Microwave Coaxial Noise Sources
NST26-A
100 MHz to 27 GHz
Specifications
RF Frequency
100 MHz to 27 GHz
Noise Output
24 dB Min ENR
Noise Spectral Density (No)
-150 dBm/Hz
Peak Factor
5:1
Bias Voltage
28 V
Supply Current
25 mA Max
Impedance
50 ohms
Package and Connectivity
Construction
Coaxial
Connector Type
SMA(f)
Environmental
Operating Temperature
-55 to 95 °C
Storage Temperature
-65 to 125 °C
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Similar Part No. - NST26-A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NST26-B MICRONETICS-NST26-B Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 100 MHz to 27 GHz
More results

Similar Description - NST26-A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NST26L-B MICRONETICS-NST26L-B Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 100 MHz to 27 GHz
NST26L-A MICRONETICS-NST26L-A Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 100 MHz to 27 GHz
NST26-B MICRONETICS-NST26-B Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 100 MHz to 27 GHz
NST18-A MICRONETICS-NST18-A Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 18 GHz
NST18L-B MICRONETICS-NST18L-B Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 18 GHz
NST18-B MICRONETICS-NST18-B Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 18 GHz
NST18L-A MICRONETICS-NST18L-A Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 18 GHz
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
NMA2218-A1T MICRONETICS-NMA2218-A1T Datasheet
182Kb / 2P
   Broadband Microwave Coaxial Noise Sources 1 GHz to 18 GHz
NST10H MICRONETICS-NST10H Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 2 GHz to 10 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com