Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX157 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC74LCX157
Description  LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX157 Datasheet(HTML) 5 Page - Motorola, Inc

  MC74LCX157 Datasheet HTML 1Page - Motorola, Inc MC74LCX157 Datasheet HTML 2Page - Motorola, Inc MC74LCX157 Datasheet HTML 3Page - Motorola, Inc MC74LCX157 Datasheet HTML 4Page - Motorola, Inc MC74LCX157 Datasheet HTML 5Page - Motorola, Inc MC74LCX157 Datasheet HTML 6Page - Motorola, Inc MC74LCX157 Datasheet HTML 7Page - Motorola, Inc MC74LCX157 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74LCX157
LCX DATA
BR1339 — REV 3
5
MOTOROLA
WAVEFORM 1 – NON–INVERTING PROPAGATION DELAYS
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
2.7V
0V
VOH
VOL
In, S
Zn
tPLH
tPHL
1.5V
1.5V
1.5V
1.5V
Figure 3. AC Waveforms
WAVEFORM 2 – INVERTING PROPAGATION DELAYS
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
2.7V
0V
VOH
VOL
E, S
Zn
tPLH
tPHL
1.5V
1.5V
1.5V
1.5V
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
CL = 50pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 4. Test Circuit


Similar Part No. - MC74LCX157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
85Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
January, 2005 ??Rev. 4
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
159Kb / 7P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 6
MC74LCX157A ONSEMI-MC74LCX157A Datasheet
313Kb / 9P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
June, 2021 - Rev. 0
MC74LCX157ADR2G ONSEMI-MC74LCX157ADR2G Datasheet
313Kb / 9P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
June, 2021 - Rev. 0
More results

Similar Description - MC74LCX157

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
MC74LCX257 ONSEMI-MC74LCX257 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
logo
Motorola, Inc
MC74LCX257 MOTOROLA-MC74LCX257 Datasheet
155Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
MC74LCX258 MOTOROLA-MC74LCX258 Datasheet
116Kb / 4P
   Low-Voltage CMOS Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74LCX157 ONSEMI-MC74LCX157_12 Datasheet
159Kb / 7P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 6
MC74LCX258 ONSEMI-MC74LCX258_12 Datasheet
134Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 8
MC74LCX257 ONSEMI-MC74LCX257_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com