Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2490E_VA Datasheet(PDF) 10 Page - Analog Devices

Part # ADM2490E_VA
Description  High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2490E_VA Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM2490E_VA Datasheet HTML 6Page - Analog Devices ADM2490E_VA Datasheet HTML 7Page - Analog Devices ADM2490E_VA Datasheet HTML 8Page - Analog Devices ADM2490E_VA Datasheet HTML 9Page - Analog Devices ADM2490E_VA Datasheet HTML 10Page - Analog Devices ADM2490E_VA Datasheet HTML 11Page - Analog Devices ADM2490E_VA Datasheet HTML 12Page - Analog Devices ADM2490E_VA Datasheet HTML 13Page - Analog Devices ADM2490E_VA Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM2490E
Rev. A | Page 10 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
2.70
2.75
2.80
2.85
2.90
2.95
3.00
TEMPERATURE (°C)
NO LOAD
100Ω LOAD
220Ω-100Ω-220Ω LOAD
–40
–20
0
20
40
60
80
100
Figure 10. IDD1 Supply Current vs. Temperature (See Figure 5)
0
10
20
30
40
50
60
70
TEMPERATURE (°C)
NO LOAD
100Ω LOAD
220Ω-100Ω-220Ω LOAD
–40
–20
0
20
40
60
80
100
Figure 11. IDD2 Supply Current vs. Temperature (See Figure 5)
0
10
20
30
40
50
60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
tPZHL
tPYLH
tPZLH
tPYHL
Figure 12. Driver Propagation Delay vs. Temperature
0
10
20
30
40
50
60
TEMPERATURE (°C)
tPLH
tPHL
–40
–20
0
20
40
60
80
100
Figure 13. Receiver Propagation Delay vs. Temperature
CH1 2V
CH2 2V
CH3 2V
CH4 2V
M20ns
A CH2
2.84V
1
2
4
T
44.2%
Y AND Z OUTPUTS
TxD
RxD
Figure 14. Driver/Receiver Propagation Delay, Low to High
(RLDIFF = 54 Ω, CL1 = CL2 = 100 pF)
CH1 2V
CH2 2V
CH3 2V
CH4 2V
M20ns
A CH2
2.84V
1
2
4
T
44.2%
TxD
RxD
Y AND Z OUTPUTS
Figure 15. Driver/Receiver Propagation Delay, High to Low
(RLDIFF = 54 Ω, CL1 = CL2 = 100 pF)


Similar Part No. - ADM2490E_VA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2490EBRWZ AD-ADM2490EBRWZ Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2490EBRWZ-REEL71 AD-ADM2490EBRWZ-REEL71 Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2490E AD-ADM2490E_15 Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex
REV. A
More results

Similar Description - ADM2490E_VA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com