Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40NS10 Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # 40NS10
Description  Standard Recovery Diodes (Stud and Lead Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

40NS10 Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  40NS10 Datasheet HTML 1Page - Naina Semiconductor ltd. 40NS10 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor
2
D-95, Sector 63, Noida
sales@nainasemi.com
Thermal & Mechanical Specifications (TE
Symbol
Parameters
Rth(JC)
Maximum thermal resistance, junction to case
TJ
Operating junction temperature range
Tstg
Storage temperature
Mounting torque (non-lubricated threads)
W
Approximate allowable weight
emiconductor Ltd.
40NS/40NSR
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
ALL DIMENSIONS IN MM
E = 25
0C, unless otherwise noted)
Parameters
Maximum thermal resistance, junction to case
Operating junction temperature range
-65 to 150
-65 to 150
lubricated threads)
0.4 (min)
Approximate allowable weight
13.5 & 30
40NS/40NSR
4205450
Fax: 0120-4273653
www.nainasemi.com
Values
Units
1.0
0C/W
65 to 150
0C
65 to 150
0C
0.4 (min) - 0.6 (max)
13.5 & 30
G


Similar Part No. - 40NS10

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
40NS NAINA-40NS Datasheet
111Kb / 1P
   SILICON POWER DIODES
40NS NAINA-40NS Datasheet
119Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40NSF NAINA-40NSF_17 Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
40NSR NAINA-40NSR Datasheet
111Kb / 1P
   SILICON POWER DIODES
More results

Similar Description - 40NS10

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
70NS NAINA-70NS_1 Datasheet
118Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
85NS NAINA-85NS_11 Datasheet
119Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
25NS NAINA-25NS_17 Datasheet
688Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
85NS NAINA-85NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
40NS NAINA-40NS_1 Datasheet
119Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
70NS NAINA-70NS_11 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
25-NSR NAINA-25-NSR Datasheet
178Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type), 25A
40-NSR NAINA-40-NSR Datasheet
170Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type), 40A
70-NSR NAINA-70-NSR Datasheet
178Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type), 70A
40NS NAINA-40NS_17 Datasheet
687Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type), 40A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com