Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1250 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM1250
Description  Hot Swappable, Dual I2C Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1250 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM1250 Datasheet HTML 4Page - Analog Devices ADUM1250 Datasheet HTML 5Page - Analog Devices ADUM1250 Datasheet HTML 6Page - Analog Devices ADUM1250 Datasheet HTML 7Page - Analog Devices ADUM1250 Datasheet HTML 8Page - Analog Devices ADUM1250 Datasheet HTML 9Page - Analog Devices ADUM1250 Datasheet HTML 10Page - Analog Devices ADUM1250 Datasheet HTML 11Page - Analog Devices ADUM1250 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADuM1250/ADuM1251
Rev. D | Page 11 of 12
TYPICAL APPLICATION DIAGRAM
VDD1
GND1
SDA1
GND2
VDD2
SDA2
ADuM1250
SCL1
SCL2
I2C BUS
1
2
3
4
8
7
6
5
OPTIONAL
200Ω
Figure 9. Typical Isolated I2C Interface Using ADuM1250
Figure 9 shows a typical application circuit including the pull-up
resistors required for both Side 1 and Side 2 busses. Bypass capacitors
of between 0.1 μF and 0.01 μF are required between VDD1 to
GND1 and VDD2 to GND2. The 200 Ω resistor shown in Figure 9
is required for latch-up immunity if the ambient temperature
can be between 105°C and 125°C.
MAGNETIC FIELD IMMUNITY
The ADuM125x is extremely immune to external magnetic
fields. The limitation on the ADuM125x magnetic field immunity
is set by the condition in which induced voltage in the transformer’s
receiving coil is sufficiently large to either falsely set or reset the
decoder. The following analysis defines the conditions under which
this may occur. The 3 V operating condition of the ADuM125x
is examined because it represents the most susceptible mode of
operation.
The pulses at the transformer output have an amplitude greater
than 1.0 V. The decoder has a sensing threshold at about 0.5 V, thus
establishing a 0.5 V margin in which induced voltages can be
tolerated. The voltage induced across the receiving coil is given by
N
n
r
dt
V
n
...
,
2
,
1
;
)
/
(
2
where:
β
is the magnetic flux density (gauss).
N
is the number of turns in the receiving coil.
rn
is the radius of the nth turn in the receiving coil (cm).
Given the geometry of the receiving coil in the ADuM1250 and
an imposed requirement that the induced voltage is at most 50%
of the 0.5 V margin at the decoder, a maximum allowable
magnetic field is calculated, as shown in Figure 10.
MAGNETIC FIELD FREQUENCY (Hz)
100
0.001
1M
10
0.01
1k
10k
10M
0.1
1
100M
100k
Figure 10. Maximum Allowable External Magnetic Flux Density
For example, at a magnetic field frequency of 1 MHz, the
maximum allowable magnetic field of 0.2 kgauss induces a
voltage of 0.25 V at the receiving coil. This is about 50% of the
sensing threshold and does not cause a faulty output transition.
Similarly, if such an event occurs during a transmitted pulse (with
the worst-case polarity), it reduces the received pulse from >1.0 V
to 0.75 V. Note that this is still well above the 0.5 V sensing
threshold of the decoder.
The preceding magnetic flux density values correspond to
specific current magnitudes at given distances away from the
ADuM125x transformers. Figure 11 expresses these allowable
current magnitudes as a function of frequency for selected
distances. As shown in Figure 11, the ADuM125x is extremely
immune and can be affected only by extremely large currents
operated at high frequency and very close to the component.
For the 1 MHz example, one would have to place a 0.5 kA
current 5 mm away from the ADuM125x to affect the
component’s operation.
MAGNETIC FIELD FREQUENCY (Hz)
1000
100
10
1
0.1
0.01
1k
10k
100M
100k
1M
10M
DISTANCE = 5mm
DISTANCE = 1m
DISTANCE = 100mm
Figure 11. Maximum Allowable Current for Various
Current-to-ADuM125x Spacings
Note that at combinations of strong magnetic fields and high
frequencies, any loops formed by printed circuit board traces
can induce sufficiently large error voltages to trigger the threshold
of succeeding circuitry. Care should be taken in the layout of
such traces to avoid this possibility.


Similar Part No. - ADUM1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1250 AD-ADUM1250 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADUM1250ARZ AD-ADUM1250ARZ Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADuM1250ARZ AD-ADuM1250ARZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
More results

Similar Description - ADUM1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com