Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM2210TRIZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADuM2210TRIZ
Description  Dual-Channel Digital Isolators, 5 kV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM2210TRIZ Datasheet(HTML) 2 Page - Analog Devices

  ADuM2210TRIZ Datasheet HTML 1Page - Analog Devices ADuM2210TRIZ Datasheet HTML 2Page - Analog Devices ADuM2210TRIZ Datasheet HTML 3Page - Analog Devices ADuM2210TRIZ Datasheet HTML 4Page - Analog Devices ADuM2210TRIZ Datasheet HTML 5Page - Analog Devices ADuM2210TRIZ Datasheet HTML 6Page - Analog Devices ADuM2210TRIZ Datasheet HTML 7Page - Analog Devices ADuM2210TRIZ Datasheet HTML 8Page - Analog Devices ADuM2210TRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADuM2210/ADuM2211
Data Sheet
Rev. A | Page 2 of 2
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Operation................................ 3
 
Electrical Characteristics—3 V Operation................................ 5
 
Electrical Characteristics—Mixed 5 V/3 V or 3 V/5 V
Operation....................................................................................... 7
 
Package Characteristics ............................................................. 10
 
Regulatory Information............................................................. 10
 
Insulation and Safety-Related Specifications.......................... 10
 
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ............................................................................ 11
 
Recommended Operating Conditions .................................... 11
 
Absolute Maximum Ratings ......................................................... 12
 
ESD Caution................................................................................ 12
 
Pin Configurations and Function Descriptions ......................... 13
 
Typical Performance Characteristics ........................................... 15
 
Applications Information .............................................................. 16
 
PCB Layout ................................................................................. 16
 
Propagation Delay-Related Parameters................................... 16
 
DC Correctness and Magnetic Field Immunity..................... 16
 
Power Consumption .................................................................. 17
 
Insulation Lifetime ..................................................................... 18
 
Outline Dimensions ....................................................................... 19
 
Ordering Guide .......................................................................... 20
 
REVISION HISTORY
8/11—Rev. 0 to Rev. A
Added 16-Lead SOIC_IC Package ...................................Universal
Changes to Features Section............................................................ 1
Changes to Table 5 and Table 6..................................................... 10
Changes to Endnote 1, Table 8...................................................... 11
Updated Outline Dimensions ....................................................... 19
Changes to Ordering Guide .......................................................... 20
9/10—Revision 0: Initial Version


Similar Part No. - ADuM2210TRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2210TRIZ AD-ADUM2210TRIZ Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
More results

Similar Description - ADuM2210TRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM7240 AD-ADUM7240 Datasheet
267Kb / 16P
   1 kV, Dual Channel Digital Isolators
REV. A
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com