Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1XPBH2UEENAGX Datasheet(PDF) 1 Page - E-SWITCH

Part # 1XPBH2UEENAGX
Description  CONTACT RESISTANCE: 100m??(INITIAL)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

1XPBH2UEENAGX Datasheet(HTML) 1 Page - E-SWITCH

  1XPBH2UEENAGX Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
1XPBH2UEENAGX
2.5:1
8/17/2005
Q960008
C
BK
1
1
1
P.C.B. LAYOUT
4
2
5
6
3
3
2
11
4
2.50
[.098 in]
2.50
[.098 in]
.35
[.014 in]
.60
[.024 in]
5.80
[.228 in]
5.00
[.197 in]
4.00
[.157 in]
9.10
[.358 in]
7.30
[.287 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING 0.1A @30V DC
5. MATERIALS:
CONTACT/TERMINALS: SILVER PLATE
HOUSING: PBT UL94HB
BASE: PA66 UL94HB
ACTUATOR: POM
6. CONTACT RESISTANCE: 100 m
(INITIAL)
7. TIMING: NON-SHORTING
8. OPERATING FORCE: 230
`50GF
9. TRAVEL: LATCHING
2MM TO LOCK
3MM OVERALL
10. ELECTRICAL LIFE: 10000 CYCLES
11. OPERATING TEMP: -20
~C TO +70~C
12.
DENOTES CRITICAL PARAMETER.
13. 2002/95/EC (ROHS) COMPLIANT
A
15104
RELEASED FOR PRODUCTION
8/17/05
BK
2.80
[.110 in]
o
2.00
[.079 in]
o
E-SWITCH LOGO
2.00
[.079 in]
1.00
[.039 in]
1.00
[.039 in]
14.40
[.567 in]
10.80
[.425 in]
10.10
[.398 in]
26.00
[1.024 in]
20.00
[.787 in]
6.70
[.264 in]
M3 x 0.5
THRU
2 PLS
B
15659
CHANGES NOTED
1/5/06
PH
B
B
C
C
C
n1.00
[.039 in]
2.50
[.098 in]
2.50
[.098 in]
2.50
[.098 in]
C
19670
UPDATE DIAGRAM & DIMS
2/10/11
BGL
2
CIRCUIT DIAGRAM
65
3
4
1
PUSH


Similar Part No. - 1XPBH2UEENAGX

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
1XP8001-1 SIEMENS-1XP8001-1 Datasheet
677Kb / 19P
   Drehimpulsgeber Rotary pulse encoder Codeur rotatif dimpulsion Emisor de impulsos (encoder) Encoder impulsi di rotazione Momentgevare
1/2005
1XP8001-2 SIEMENS-1XP8001-2 Datasheet
677Kb / 19P
   Drehimpulsgeber Rotary pulse encoder Codeur rotatif dimpulsion Emisor de impulsos (encoder) Encoder impulsi di rotazione Momentgevare
1/2005
More results

Similar Description - 1XPBH2UEENAGX

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N800001 E-SWITCH-N800001 Datasheet
84Kb / 1P
   CONTACT RESISTANCE; 50 m2 MAX INITIAL.
N800210 E-SWITCH-N800210 Datasheet
213Kb / 1P
   CONTACT RESISTANCE; 50 m2 MAX INITIAL.
N800002 E-SWITCH-N800002 Datasheet
103Kb / 1P
   CONTACT RESISTANCE; 50 m2 MAX INITIAL.
N211129 E-SWITCH-N211129 Datasheet
93Kb / 1P
   INSULATION RESISTANCE 100M) @ 100VDC
N211127 E-SWITCH-N211127 Datasheet
112Kb / 1P
   INSULATION RESISTANCE 100M OHMS@100VDC
N211126 E-SWITCH-N211126 Datasheet
110Kb / 1P
   INSULATION RESISTANCE 100M OHMS@100VDC
N211128 E-SWITCH-N211128 Datasheet
113Kb / 1P
   INSULATION RESISTANCE 100M OHMS@100VDC
logo
Amphenol Corporation
P-MUSB-K552-XX AMPHENOL-P-MUSB-K552-XX Datasheet
89Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A511-XX AMPHENOL-P-MUSB-A511-XX Datasheet
354Kb / 2P
   CONTACT RESISTANCE
logo
CUI INC
PP-002C CUI-PP-002C Datasheet
310Kb / 1P
   CONTACT RESISTANCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com