Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM4160BRIZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM4160BRIZ
Description  Full/Low Speed 5 kV USB Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4160BRIZ Datasheet(HTML) 1 Page - Analog Devices

  ADuM4160BRIZ Datasheet HTML 1Page - Analog Devices ADuM4160BRIZ Datasheet HTML 2Page - Analog Devices ADuM4160BRIZ Datasheet HTML 3Page - Analog Devices ADuM4160BRIZ Datasheet HTML 4Page - Analog Devices ADuM4160BRIZ Datasheet HTML 5Page - Analog Devices ADuM4160BRIZ Datasheet HTML 6Page - Analog Devices ADuM4160BRIZ Datasheet HTML 7Page - Analog Devices ADuM4160BRIZ Datasheet HTML 8Page - Analog Devices ADuM4160BRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Full/Low Speed 5 kV USB Digital Isolator
ADuM4160
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009-2010 Analog Devices, Inc. All rights reserved.
FEATURES
USB 2.0 compatible
Low and full speed data rate: 1.5 Mbps and 12 Mbps
Bidirectional communication
4.5 V to 5.5 V V
BUS operation
7 mA maximum upstream supply current @ 1.5 Mbps
8 mA maximum upstream supply current @ 12 Mbps
2.3 mA maximum upstream idle current
Upstream short-circuit protection
Class 3A contact ESD performance per ANSI/ESD STM5.1-2007
High temperature operation: 105°C
High common-mode transient immunity: >25 kV/μs
16-lead SOIC wide-body package version
16-lead SOIC wide body enhanced creepage version
RoHS compliant
Safety and regulatory approvals (RI-16 package)
UL recognition: 5000 V rms for 1 minute per
UL 1577
CSA Component Acceptance Notice #5A
IEC 60601-1: 250 V rms (reinforced)
IEC 60950-1: 400 V rms (reinforced)
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
V
IORM = 846 V peak
APPLICATIONS
USB peripheral isolation
Isolated USB hub
Medical applications
GENERAL DESCRIPTION
The ADuM41601 is a USB port isolator, based on Analog Devices,
Inc., iCoupler® technology. Combining high speed CMOS and
monolithic air core transformer technology, these isolation
components provide outstanding performance characteristics
and are easily integrated with low and full speed USB-compatible
peripheral devices.
FUNCTIONAL BLOCK DIAGRAM
1
VBUS1
2
GND1
3
VDD1
7
UD+
8
GND1
4
PDEN
16
VBUS2
15
GND2
14
VDD2
11
DD–
10
DD+
9
GND2
13
SPD
12
PIN
5
SPU
6
UD–
REG
PU LOGIC
REG
PD LOGIC
Figure 1.
Many microcontrollers implement USB so that it presents only
the D+ and D− lines to external pins. This is desirable in many
cases because it minimizes external components and simplifies
the design; however, this presents particular challenges when
isolation is required. USB lines must automatically switch between
actively driving D+/D−, receiving data, and allowing external
resistors to set the idle state of the bus. The ADuM4160 provides
mechanisms for detecting the direction of data flow and control
over the state of the output buffers. Data direction is determined
on a packet-by-packet basis.
The ADuM4160 uses the edge detection based iCoupler tech-
nology in conjunction with internal logic to implement a
transparent, easily configured, upstream facing port isolator.
Isolating an upstream facing port provides several advantages
in simplicity, power management, and robust operation.
The isolator has propagation delay comparable to that of a
standard hub and cable. It operates with the bus voltage on
either side ranging from 4.5 V to 5.5 V, allowing connection
directly to VBUS by internally regulating the voltage to the signaling
level. The ADuM4160 provides isolated control of the pull-up
resistor to allow the peripheral to control connection timing.
The device has a low idle current; so a suspend mode is not
required. A 2.5 kV version, the ADuM3160, is also available.
1 Protected by U.S. Patents 5,952,849; 6,873,065; 7,075,329.


Similar Part No. - ADuM4160BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160BRIZ AD-ADUM4160BRIZ Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADUM4160BRIZ-RL AD-ADUM4160BRIZ-RL Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
More results

Similar Description - ADuM4160BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160 AD-ADUM4160_V01 Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM3160 AD-ADUM3160_V01 Datasheet
317Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
ADUM7510 AD-ADUM7510 Datasheet
265Kb / 12P
   5-Channel, 1 kV Unidirectional Digital Isolator
REV. A
ADUM4165 AD-ADUM4165 Datasheet
1Mb / 26P
   5.7 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
ADUM3165 AD-ADUM3165 Datasheet
1Mb / 26P
   3.75 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Analog Devices
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com