Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM4160BRIZ-RL Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM4160BRIZ-RL
Description  Full/Low Speed 5 kV USB Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4160BRIZ-RL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM4160BRIZ-RL Datasheet HTML 4Page - Analog Devices ADuM4160BRIZ-RL Datasheet HTML 5Page - Analog Devices ADuM4160BRIZ-RL Datasheet HTML 6Page - Analog Devices ADuM4160BRIZ-RL Datasheet HTML 7Page - Analog Devices ADuM4160BRIZ-RL Datasheet HTML 8Page - Analog Devices ADuM4160BRIZ-RL Datasheet HTML 9Page - Analog Devices ADuM4160BRIZ-RL Datasheet HTML 10Page - Analog Devices ADuM4160BRIZ-RL Datasheet HTML 11Page - Analog Devices ADuM4160BRIZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADuM4160
Rev. C | Page 8 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VBUS1 1
GND1* 2
VDD1 3
PDEN
4
VBUS2
16
GND2*
15
VDD2
14
SPD
13
SPU
5
PIN
12
UD–
6
DD–
11
UD+
7
DD+
10
GND1* 8
GND2*
9
ADuM4160
TOP VIEW
(Not to Scale)
NC = NO CONNECT
*PIN 2 AND PIN 8 ARE INTERNALLY CONNECTED, AND CONNECTING
BOTH TO GND1 IS RECOMMENDED. PIN 9 AND PIN 15 ARE INTERNALLY
CONNECTED, AND CONNECTING BOTH TO GND2 IS RECOMMENDED.
Figure 3. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic Direction Description
1
V
BUS1
Power
Input Power Supply for Side 1. Where the isolator is powered by the USB bus voltage, 4.5 V to 5.5 V,
connect V
BUS1 to the USB power bus. Where the isolator is powered from a 3.3 V power supply, connect
V
BUS1 to VDD1 and to the external 3.3 V power supply. Bypass to GND1 is required.
2
GND
1
Return
Ground 1. Ground reference for Isolator Side 1.
3
V
DD1
Power
Power Supply for Side 1. Where the isolator is powered by the USB bus voltage, 4.5 V to 5.5 V, the V
DDI pin
should be used for a bypass capacitor to GND
1. Signal lines that may require pull up, such as PDEN and
SPU, should be tied to this pin. Where the isolator is powered from a 3.3 V power supply, connect V
BUS1 to
V
DD1 and to the external 3.3 V power supply. Bypass to GND1 is required.
4
PDEN
Input
Pull-Down Enable. This pin is read when exiting reset. For standard operation, connect this pin to V
DD1.
When connected to GND
1 while exiting from reset, the downstream pull-down resistors are
disconnected, allowing buffer impedance measurements.
5
SPU
Input
Speed Select Upstream Buffer. Active high logic input. Selects full speed slew rate, timing, and logic
conventions when SPU is high, and low speed slew rate, timing, and logic conventions when SPU is tied
low. This input must be set high via connection to V
DD1 or set low via connection to GND1 and must
match Pin 13.
6
UD−
I/O
Upstream D−.
7
UD+
I/O
Upstream D+.
8
GND
1
Return
Ground 1. Ground reference for Isolator Side 1.
9
GND
2
Return
Ground 2. Ground reference for Isolator Side 2.
10
DD+
I/O
Downstream D+.
11
DD−
I/O
Downstream D−.
12
PIN
Input
Upstream Pull-Up Enable. PIN controls the power connection to the pull-up for the upstream port. It can
be tied to V
DD2 for operation on power-up, or tied to an external control signal for applications requiring
delayed enumeration.
13
SPD
Input
Speed Select Downstream Buffer. Active high logic input. Selects full speed slew rate, timing, and logic
conventions when SPD is high, and low speed slew rate, timing, and logic conventions when SPD is tied
low. This input must be set high via connection to V
DD2 or low via connection to GND2, and must match
Pin 5.
14
V
DD2
Power
Power Supply for Side 2. Where the isolator is powered by the USB bus voltage, 4.5 V to 5.5 V, the V
DD2
pin should be used for a bypass capacitor to GND
2. Signal lines that may require pull-up, such as SPD,
can be tied to this pin. Where the isolator is powered from a 3.3 V power supply, connect V
BUS2 to VDD2
and to the external 3.3 V power supply. Bypass to GND
2 is required.
15
GND
2
Return
Ground 2. Ground reference for Isolator Side 2.
16
V
BUS2
Power
Input Power Supply for Side 2. Where the isolator is powered by the USB bus voltage, 4.5 V to 5.5 V,
connect V
BUS2 to the USB power bus. Where the isolator is powered from a 3.3 V power supply, connect
V
BUS2 to VDD2 and to the external 3.3 V power supply. Bypass to GND2 is required.


Similar Part No. - ADuM4160BRIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160BRIZ-RL AD-ADUM4160BRIZ-RL Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
More results

Similar Description - ADuM4160BRIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160 AD-ADUM4160_V01 Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM3160 AD-ADUM3160_V01 Datasheet
317Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
ADUM7510 AD-ADUM7510 Datasheet
265Kb / 12P
   5-Channel, 1 kV Unidirectional Digital Isolator
REV. A
ADUM4165 AD-ADUM4165 Datasheet
1Mb / 26P
   5.7 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
ADUM3165 AD-ADUM3165 Datasheet
1Mb / 26P
   3.75 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Analog Devices
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com