Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM2251ARIZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM2251ARIZ
Description  Hot-Swappable, Dual I2C Isolators, 5 kV
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM2251ARIZ Datasheet(HTML) 1 Page - Analog Devices

  ADuM2251ARIZ Datasheet HTML 1Page - Analog Devices ADuM2251ARIZ Datasheet HTML 2Page - Analog Devices ADuM2251ARIZ Datasheet HTML 3Page - Analog Devices ADuM2251ARIZ Datasheet HTML 4Page - Analog Devices ADuM2251ARIZ Datasheet HTML 5Page - Analog Devices ADuM2251ARIZ Datasheet HTML 6Page - Analog Devices ADuM2251ARIZ Datasheet HTML 7Page - Analog Devices ADuM2251ARIZ Datasheet HTML 8Page - Analog Devices ADuM2251ARIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Hot-Swappable, Dual I2C Isolators, 5 kV
Data Sheet
ADuM2250/ADuM2251
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Bidirectional I2C communication
Open-drain interfaces
Suitable for hot-swap applications
30 mA current sink capability
1000 kHz operation
3.0 V to 5.5 V supply/logic levels
16-lead SOIC wide body package version (RW-16)
16-lead SOIC wide body enhanced creepage version (RI-16)
High temperature operation: 105°C
Safety and regulatory approvals (RI-16 package)
UL recognition: 5000 V rms for 1 minute per
UL 1577
CSA Component Acceptance Notice #5A
IEC 60601-1: 250 V rms (reinforced)
IEC 60950-1: 400 V rms (reinforced)
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 846 V peak
APPLICATIONS
Isolated I2C, SMBus, or PMBus Interfaces
Multilevel I2C interfaces
Power supplies
Networking
Power-over-Ethernet
GENERAL DESCRIPTION
The ADuM2250/ADuM22511 are hot-swappable digital
isolators with nonlatching bidirectional communication
channels that are compatible with I2C® interfaces. This
eliminates the need for splitting I2C signals into separate
transmit and receive signals for use with standalone
optocouplers.
The ADuM2250 provides two bidirectional channels support-
ing a complete isolated I2C interface. The ADuM2251 provides
one bidirectional channel and one unidirectional channel for
those applications where a bidirectional clock is not required.
The ADuM2250/ADuM2251 contain hot-swap circuitry to
prevent data glitches when an unpowered card is inserted
onto an active bus.
These isolators are based on iCoupler® chip-scale transformer
technology from Analog Devices, Inc. iCoupler is a magnetic
isolation technology with performance, size, power consump-
tion, and functional advantages compared to optocouplers.
The ADuM2250/ADuM2251 integrate iCoupler channels
with semiconductor circuitry to enable a complete, isolated
I2C interface in a small form-factor package.
1 Protected by U.S. Patents 5,952,849; 6,873,065; and 7,075,329; other patents
pending.
FUNCTIONAL BLOCK DIAGRAMS
DECODE
ENCODE
ENCODE
DECODE
DECODE
ENCODE
ENCODE
DECODE
GND1
NC
VDD1
NC
SDA1
SCL1
GND1
NC
GND2
NC
VDD2
NC
SDA2
SCL2
GND2
NC
8
7
5
6
4
3
2
1
9
10
12
11
13
14
15
16
ADuM2250
NC = NO CONNECT
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
GND1
NC
VDD1
NC
SDA1
SCL1
GND1
NC
GND2
NC
VDD2
NC
SDA2
SCL2
GND2
NC
8
7
5
6
4
3
2
1
9
10
12
11
13
14
15
16
ADuM2251
NC = NO CONNECT
Figure 1. ADuM2250 Functional Block Diagram
Figure 2. ADuM2251 Functional Block Diagram


Similar Part No. - ADuM2251ARIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2251ARIZ AD-ADUM2251ARIZ Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2251ARIZ-RL AD-ADUM2251ARIZ-RL Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
More results

Similar Description - ADuM2251ARIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2251 AD-ADUM2251_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM2250 AD-ADUM2250_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com