Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM2251ARIZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM2251ARIZ-RL
Description  Hot-Swappable, Dual I2C Isolators, 5 kV
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM2251ARIZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM2251ARIZ-RL Datasheet HTML 7Page - Analog Devices ADuM2251ARIZ-RL Datasheet HTML 8Page - Analog Devices ADuM2251ARIZ-RL Datasheet HTML 9Page - Analog Devices ADuM2251ARIZ-RL Datasheet HTML 10Page - Analog Devices ADuM2251ARIZ-RL Datasheet HTML 11Page - Analog Devices ADuM2251ARIZ-RL Datasheet HTML 12Page - Analog Devices ADuM2251ARIZ-RL Datasheet HTML 13Page - Analog Devices ADuM2251ARIZ-RL Datasheet HTML 14Page - Analog Devices ADuM2251ARIZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADuM2250/ADuM2251
Rev. A | Page 11 of 16
STARTUP
Both the VDD1 and VDD2 supplies have an under voltage lockout
feature that prevents the signal channels from operating unless
certain criteria is met. This feature is to avoid the possibility of
input logic low signals from pulling down the I2C bus inadver-
tently during power-up/power-down.
Criteria that must be met for the signal channels to be enabled
are as follows:
Both supplies must be at least 2.5 V.
At least 40 μs must elapse after both supplies exceed the
internal start-up threshold of 2.0 V.
Until both of these criteria are met for both supplies, the
ADuM2250/ADuM2251 outputs are pulled high thereby
ensuring a startup that avoids any disturbances on the bus.
Figure 8 and Figure 9 illustrate the supply conditions for fast
and slow input supply slew rates.
SUPPLY VALID
MINIMUM RECOMMENDED
OPERATING SUPPLY, 3.0V
MINIMUM VALID SUPPLY, 2.5V
INTERNAL STARTUP
THRESHOLD, 2.0V
40µs
Figure 8. Start-Up Condition, Supply Slew Rate < 12.5 V/ms
SUPPLY VALID
MINIMUM RECOMMENDED
OPERATING SUPPLY, 3.0V
MINIMUM VALID SUPPLY, 2.5V
INTERNAL STARTUP
THRESHOLD, 2.0V
40µs
Figure 9. Start-Up Condition, Supply Slew Rate > 12.5 V/ms
MAGNETIC FIELD IMMUNITY
The ADuM2250/ADuM2251 are extremely immune to external
magnetic fields. The limitation on the magnetic field immunity
of the ADuM2250/ADuM2251 is set by the condition in which
induced voltage in the receiving coil of the transformer is suffi-
ciently large to either falsely set or reset the decoder. The following
analysis defines the conditions under which this may occur.
The 3 V operating condition of the ADuM2250/ADuM2251 is
examined because it represents the most susceptible mode of
operation.
The pulses at the transformer output have an amplitude greater
than 1.0 V. The decoder has a sensing threshold at about 0.5 V,
therefore establishing a 0.5 V margin in which induced voltages
can be tolerated. The voltage induced across the receiving coil is
given by
N
n
r
dt
d
V
n
...
,
2
,
1
;
)
/
β
(
2
where:
β is the magnetic flux density (gauss).
rn is the radius of the nth turn in the receiving coil (cm).
N is the number of turns in the receiving coil.
Given the geometry of the receiving coil in the ADuM2250/
ADuM2251 and an imposed requirement that the induced
voltage be at most 50% of the 0.5 V margin at the decoder, a
maximum allowable magnetic field is calculated, as shown in
Figure 10.
MAGNETIC FIELD FREQUENCY (Hz)
100
0.001
1M
10
0.01
1k
10k
10M
0.1
1
100M
100k
Figure 10. Maximum Allowable External Magnetic Flux Density
For example, at a magnetic field frequency of 1 MHz, the
maximum allowable magnetic field of 0.2 kgauss induces a
voltage of 0.25 V at the receiving coil. This is about 50% of the
sensing threshold and does not cause a faulty output transition.
Similarly, if such an event were to occur during a transmitted
pulse (and had the worst-case polarity), it would reduce the
received pulse from >1.0 V to 0.75 V (still well above the 0.5 V
sensing threshold of the decoder).


Similar Part No. - ADuM2251ARIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2251ARIZ-RL AD-ADUM2251ARIZ-RL Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
More results

Similar Description - ADuM2251ARIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2251 AD-ADUM2251_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM2250 AD-ADUM2250_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com