Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KO128H Datasheet(PDF) 6 Page - E-SWITCH

Part # KO128H
Description  KEYLOCK SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KO128H Datasheet(HTML) 6 Page - E-SWITCH

Back Button KO128H Datasheet HTML 2Page - E-SWITCH KO128H Datasheet HTML 3Page - E-SWITCH KO128H Datasheet HTML 4Page - E-SWITCH KO128H Datasheet HTML 5Page - E-SWITCH KO128H Datasheet HTML 6Page - E-SWITCH KO128H Datasheet HTML 7Page - E-SWITCH KO128H Datasheet HTML 8Page - E-SWITCH KO128H Datasheet HTML 9Page - E-SWITCH KO128H Datasheet HTML 10Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
KO 119
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder
5-Disk tumblers mechanism
Reversible double cut key
Silver plated contacts and terminals
150 combinations available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO119A
OFF
1-2
Pos. 1
KO119B
OFF
1-2
Pos. 1, Pos. 2
KO119C
OFF
1-2
Pos. 1
1
2
90 indexing
90 indexing
90 indexing
1
2
1
2
= Detent Position
= Keypull Possible
= Momentary
Ratings:
4A @ 125 VAC
2A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
KO 121
FEATURES & BENEFITS
Zinc alloy die cast housing with bright stainless steel bezel
5-Disk tumblers mechanism, with dust shutter
150 combinations available
B
A
M19 P=1
25.50
[1.004]
HEX NUT SUPPLIED
5.80
[.228]
90º
19.00
[.748]
29.00
[1.142]
4.00
[.157]
23.0ø
[.906]
SPECIFICATIONS
19.00
[.748]
16.40
[.646]
22.00
[ 866]
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO121A
OFF
1-2
Pos. 1, Pos. 2
90 indexing
1
2
= Detent Position
= Keypull Possible
= Momentary
Ratings:
4A @ 125 VAC
2A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
225
info@e-switch.com
www.e-switch.com


Similar Part No. - KO128H

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KO128H-2007 E-SWITCH-KO128H-2007 Datasheet
43Kb / 1P
   KEYLOCK SWITCHES
More results

Similar Description - KO128H

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KO104B-10003 E-SWITCH-KO104B-10003 Datasheet
67Kb / 1P
   KEYLOCK SWITCHES
KO113C-10001 E-SWITCH-KO113C-10001 Datasheet
32Kb / 1P
   KEYLOCK SWITCHES
KO119A-7315 E-SWITCH-KO119A-7315 Datasheet
66Kb / 1P
   KEYLOCK SWITCHES
KO103E-701 E-SWITCH-KO103E-701 Datasheet
34Kb / 1P
   KEYLOCK SWITCHES
KO119A-7321 E-SWITCH-KO119A-7321 Datasheet
66Kb / 1P
   KEYLOCK SWITCHES
KO130B-A126 E-SWITCH-KO130B-A126 Datasheet
43Kb / 1P
   KEYLOCK SWITCHES
KO124A-10001 E-SWITCH-KO124A-10001 Datasheet
32Kb / 1P
   KEYLOCK SWITCHES
KO104B-10009 E-SWITCH-KO104B-10009 Datasheet
67Kb / 1P
   KEYLOCK SWITCHES
KO128B-2007 E-SWITCH-KO128B-2007 Datasheet
52Kb / 1P
   KEYLOCK SWITCHES
KO129A-A126 E-SWITCH-KO129A-A126 Datasheet
69Kb / 1P
   KEYLOCK SWITCHES
KO130K E-SWITCH-KO130K Datasheet
70Kb / 1P
   KEYLOCK SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com