Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KO129H Datasheet(PDF) 8 Page - E-SWITCH

Part # KO129H
Description  KEYLOCK SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KO129H Datasheet(HTML) 8 Page - E-SWITCH

Back Button KO129H Datasheet HTML 4Page - E-SWITCH KO129H Datasheet HTML 5Page - E-SWITCH KO129H Datasheet HTML 6Page - E-SWITCH KO129H Datasheet HTML 7Page - E-SWITCH KO129H Datasheet HTML 8Page - E-SWITCH KO129H Datasheet HTML 9Page - E-SWITCH KO129H Datasheet HTML 10Page - E-SWITCH KO129H Datasheet HTML 11Page - E-SWITCH KO129H Datasheet HTML 12Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
KO 128
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder, chrome plated
11 Blade criss cross tumblers.
Reversible, double bitted keys
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Pos. 4
Key Pull
Possible
KO128A
Pos. 1
KO128B
KO128E
KO128F
90 indexing
90 indexing
1
2
OFF
1-2
OFF
1-2
1-2
1-2
Pos. 1, Pos. 2
Pos. 1
Pos. 1
1
2
KO128G
KO128H
OFF
OFF
OFF
OFF
1-2
1-2
Pos. 1, Pos. 2
Pos. 1
90 indexing
90 indexing
90 indexing
90 indexing
1
2
1
2
1
2
1
2
= Detent Position
= Keypull Possible
= Momentary
Ratings:
4A @ 125 VAC
2A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
KO 129
FEATURES & BENEFITS
Lock: bright nickel plated zinc alloy with nickel facing
(black and polished chrome facing available)
Tumbler mechanism: 4-disc tumbler cylinder
Keys: brass with code no.
Contacts: silver plated copper alloy
Terminals: silver plated copper alloy
Mounting nut: nickel plated zinc alloy
SPECIFICATIONS
Part
Number
Lock Configuration
(as viewed from key end)
Key Pull
Possible
45 indexing
KO129A (SP)
KO129B (SP)
KO129D (DP)
KO129F (DP)
KO129H (DP)
KO129K (DP)
KO129M (DP)
45 - 45 indexing
45 - 45 indexing
45 - 45 indexing
45 indexing
45 - 45 indexing
45 - 45 indexing
45 indexing
45 indexing
45 - 45 indexing
KO129C (SP)
KO129E (SP)
KO129G (SP)
KO129J (SP)
KO129L (SP)
90 - 45 indexing
45 - 90 indexing
7-8
8-1
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Pos. 4
Pos. 5
1-3
1-2
1-2
1-2, 5-6
7-8
7-8, 3-4
1-2
1-2, 5-6
7-8
7-8, 3-4
7-1
8-1
8-1, 4-5
1-2
1-2, 5-6
8-1
8-1, 4-5
8-1
8-1, 4-5
8-1
8-1, 4-5
6-7
7-8
7-8, 3-4
8-1
8-1, 4-5
7-8
7-8, 3-4
1-2
1-2, 5-6
Pos. 3, Pos. 5
Pos. 1, Pos. 3
Pos. 3
Pos. 3
Pos. 3
Pos. 3
Pos. 3
1
3
4
5
3
2
2
3
4
3
4
3
2
2
3
4
2
3
4
= Detent Position
= Keypull Possible
= Momentary
Ratings:
4A @ 125 VAC
2A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
227
info@e-switch.com
www.e-switch.com


Similar Part No. - KO129H

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KO129A-A126 E-SWITCH-KO129A-A126 Datasheet
69Kb / 1P
   KEYLOCK SWITCHES
KO129B-606 E-SWITCH-KO129B-606 Datasheet
56Kb / 1P
   KEYLOCK SWITCHES
KO129B-A126 E-SWITCH-KO129B-A126 Datasheet
68Kb / 1P
   KEYLOCK SWITCHES
KO129C-A126 E-SWITCH-KO129C-A126 Datasheet
71Kb / 1P
   KEYLOCK SWITCHES
KO129D-A126 E-SWITCH-KO129D-A126 Datasheet
70Kb / 1P
   KEYLOCK SWITCHES
More results

Similar Description - KO129H

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KO104B-10003 E-SWITCH-KO104B-10003 Datasheet
67Kb / 1P
   KEYLOCK SWITCHES
KO113C-10001 E-SWITCH-KO113C-10001 Datasheet
32Kb / 1P
   KEYLOCK SWITCHES
KO119A-7315 E-SWITCH-KO119A-7315 Datasheet
66Kb / 1P
   KEYLOCK SWITCHES
KO103E-701 E-SWITCH-KO103E-701 Datasheet
34Kb / 1P
   KEYLOCK SWITCHES
KO119A-7321 E-SWITCH-KO119A-7321 Datasheet
66Kb / 1P
   KEYLOCK SWITCHES
KO130B-A126 E-SWITCH-KO130B-A126 Datasheet
43Kb / 1P
   KEYLOCK SWITCHES
KO124A-10001 E-SWITCH-KO124A-10001 Datasheet
32Kb / 1P
   KEYLOCK SWITCHES
KO104B-10009 E-SWITCH-KO104B-10009 Datasheet
67Kb / 1P
   KEYLOCK SWITCHES
KO128B-2007 E-SWITCH-KO128B-2007 Datasheet
52Kb / 1P
   KEYLOCK SWITCHES
KO129A-A126 E-SWITCH-KO129A-A126 Datasheet
69Kb / 1P
   KEYLOCK SWITCHES
KO130K E-SWITCH-KO130K Datasheet
70Kb / 1P
   KEYLOCK SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com