Electronic Components Datasheet Search |
|
KOM1-4 Datasheet(PDF) 10 Page - E-SWITCH |
|
KOM1-4 Datasheet(HTML) 10 Page - E-SWITCH |
10 / 12 page 229 info@e-switch.com www.e-switch.com KO 131 FEATURES & BENEFITS Zinc alloy die cast housing and cylinder, chrome plated Zinc alloy keys, chrome plated Silver plated contacts and terminals 1 combination available SPECIFICATIONS HOLE SIZE Part Number Lock Configuration (as viewed from key end) Connected Terminals Pos. 1 Pos. 2 Pos. 3 Pos. 4 Key Pull Possible KO131A Pos. 1, Pos. 2 90º indexing 1 2 OFF 1-2 = Detent Position = Keypull Possible = Momentary Ratings: 1A @ 125 VAC 0.5A @ 250 VAC Contact Resistance: 20 mΩ max. initial @ 2-4 VDC, 100 mA Insulation Resistance: 200 MΩ min. Dielectric Strength: 1,500 V rms @ sea level KO 132 SPECIFICATIONS HOLE SIZE Part Number Lock Configuration (as viewed from key end) Connected Terminals Pos. 1 Pos. 2 Pos. 3 Pos. 4 Key Pull Possible KO132A Pos. 1, Pos. 2 KO132B KO132C 90º indexing 90º indexing 1 2 OFF 1-2 1-2 1-2 Pos. 1, Pos. 2 Pos. 1, Pos. 2, Pos. 3 1 2 3 OFF 3-4 3-4 1 2 45º-90º indexing = Detent Position = Keypull Possible = Momentary Ratings: 1A @ 125 VAC 0.5A @ 250 VAC Contact Resistance: 20 mΩ max. initial @ 2-4 VDC, 100 mA Insulation Resistance: 200 MΩ min. Dielectric Strength: 1,500 V rms @ sea level FEATURES & BENEFITS Zinc alloy die cast housing and cylinder, chrome plated Zinc alloy keys, chrome plated Silver plated contacts and terminals 6 combination available |
Similar Part No. - KOM1-4 |
|
Similar Description - KOM1-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |