Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRX02530 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # MBRX02530
Description  0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRX02530 Datasheet(HTML) 4 Page - Micro Commercial Components

  MBRX02530 Datasheet HTML 1Page - Micro Commercial Components MBRX02530 Datasheet HTML 2Page - Micro Commercial Components MBRX02530 Datasheet HTML 3Page - Micro Commercial Components MBRX02530 Datasheet HTML 4Page - Micro Commercial Components MBRX02530 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBRX02520 thru MBRX02560
MCC
www.mccsemi.com
TM
Micro Commercial Components
3 of 4
Revision: 10
2008/08/01
Ambient Temperature -
°C
Figure 5
Forward Derating Curve
0
175
50
75
100
125
0
.
1
.
2
.
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
.
4
.5
.6
1
100
4
0
2
4
6
8
Figure 6
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
10
20
60 80
40
8
10
12


Similar Part No. - MBRX02530

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX02530 MCC-MBRX02530 Datasheet
123Kb / 3P
   0.25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
MBRX02530 CHENYI-MBRX02530 Datasheet
90Kb / 3P
   0.25Amp schottky barrier rectifier 20to100 volts
More results

Similar Description - MBRX02530

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX02520 MCC-MBRX02520 Datasheet
123Kb / 3P
   0.25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1620 MCC-MBR1620 Datasheet
114Kb / 2P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
   40 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRB1620CT MCC-MBRB1620CT_17 Datasheet
592Kb / 3P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020PT MCC-MBR3020PT Datasheet
1Mb / 3P
   30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720_08 Datasheet
113Kb / 3P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
   40 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Micro Commercial Compon...
MBR3020WT MCC-MBR3020WT Datasheet
1Mb / 2P
   30 Amp Schottky Barrier Rectifier 20 to 60 Volts
SRD602 MCC-SRD602 Datasheet
375Kb / 2P
   Schottky Barrier Rectifier 20 to 60 Volts 6.0 Amp
MBR720 MCC-MBR720 Datasheet
107Kb / 2P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com