Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39-30-0040 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 39-30-0040
Description  MINI-FIT JR RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39-30-0040 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  39-30-0040 Datasheet HTML 1Page - Molex Electronics Ltd. 39-30-0040 Datasheet HTML 2Page - Molex Electronics Ltd. 39-30-0040 Datasheet HTML 3Page - Molex Electronics Ltd. 39-30-0040 Datasheet HTML 4Page - Molex Electronics Ltd. 39-30-0040 Datasheet HTML 5Page - Molex Electronics Ltd. 39-30-0040 Datasheet HTML 6Page - Molex Electronics Ltd. 39-30-0040 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
REVISION:
ECR/ECN INFORMATION: TITLE:
MINI-FIT JR.
® RIGHT ANGLE
HEADER ASSEMBLIES
WITH MOUNTING PEGS
SHEET No.
L6
EC No:
UCP2010-1417
- 6 -
DATE:
2010/11/30
DOCUMENT NUMBER:
Drawn By:
Checked By:
Approved By:
SDA-5569-NA2*-*
JJAGUILAR
JBELL
FSMITH
Filename: SPOMASTER.DOC
Revision: 1
Location: Workmanager General Docs Class.
Date: 4-15-2002
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
26-01-3127 5569-02A2GS2-210-T
2
2
26-01-3128 5569-04A2GS2-210-T
4
4
NOT TOOLED5569-06A2GS2-210-T
6
6
NOT TOOLED5569-08A2GS2-210-T
8
8
NOT TOOLED5569-10A2GS2-210-T 10
10
NOT TOOLED5569-12A2GS2-210-T 12
12
NOT TOOLED5569-14A2GS2-210-T 14
14
NOT TOOLED5569-16A2GS2-210-T 16
16
NOT TOOLED5569-18A2GS2-210-T 18
18
NOT TOOLED5569-20A2GS2-210-T 20
20
NOT TOOLED5569-22A2GS2-210-T 22
22
NOT TOOLED5569-24A2GS2-210-T 24
24
26-01-3141
5569-02A2GS3-T
2
2
26-01-3142
5569-04A2GS3-T
4
4
26-01-3143
5569-06A2GS3-T
6
6
26-01-3144
5569-08A2GS3-T
8
8
NOT TOOLED 5569-10A2GS3-T
10
10
NOT TOOLED 5569-12A2GS3-T
12
12
NOT TOOLED 5569-14A2GS3-T
14
14
26-01-3148
5569-16A2GS3-T
16
16
NOT TOOLED 5569-18A2GS3-T
18
18
NOT TOOLED 5569-20A2GS3-T
20
20
NOT TOOLED 5569-22A2GS3-T
22
22
NOT TOOLED 5569-24A2GS3-T
24
24
46999-0001
5569-02A2S-BL-T
2
2
46999-0002
5569-04A2S-BL-T
4
4
46999-0003
5569-06A2S-BL-T
6
6
46999-0004
5569-08A2S-BL-T
8
8
46999-0005
5569-10A2S-BL-T
10
10
46999-0006
5569-12A2S-BL-T
12
12
46999-0007
5569-14A2S-BL-T
14
14
46999-0008
5569-16A2S-BL-T
16
16
46999-0009
5569-18A2S-BL-T
18
18
46999-0010
5569-20A2S-BL-T
20
20
46999-0011
5569-22A2S-BL-T
22
22
46999-0012
5569-24A2S-BL-T
24
24
46999-0013
5569-02A2S-400-T
2
2
46999-0014
5569-04A2S-400-T
4
4
46999-0015
5569-06A2S-400-T
6
6
46999-0016
5569-08A2S-400-T
8
8
46999-0017
5569-10A2S-400-T
10
10
46999-0018
5569-12A2S-400-T
12
12
46999-0019
5569-14A2S-400-T
14
14
46999-0020
5569-16A2S-400-T
16
16
46999-0021
5569-18A2S-400-T
18
18
46999-0022
5569-20A2S-400-T
20
20
46999-0023
5569-22A2S-400-T
22
22
46999-0024
5569-24A2S-400-T
24
24
94V-0
50 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS3"
94V-2
TRAY PACKAGED PER PK-5569-003
TIN OVER
NICKEL
SEE
NOTE 2
OPTION
"S"
BLACK
94V-0
TIN OVER
NICKEL
SEE
NOTE 2
OPTION
"S"
BLACK
94V-2
15 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS2"


Similar Part No. - 39-30-0040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-0040 MOLEX3-39-30-0040 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating
39-30-0040 MOLEX11-39-30-0040 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating
More results

Similar Description - 39-30-0040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-6025 MOLEX-39-30-6025 Datasheet
376Kb / 2P
   MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS
39-29-9023 MOLEX-39-29-9023 Datasheet
371Kb / 2P
   MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS
0050361779 MOLEX3-0050361779 Datasheet
189Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Pegs, 4 Circuits
0050362377 MOLEX3-0050362377 Datasheet
233Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Pegs, 6 Circuits
0050362462 MOLEX1-0050362462_18 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 6 Circuits
0050362296 MOLEX1-0050362296_18 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 12 Circuits
0039295163 MOLEX3-0039295163 Datasheet
248Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange
0050362296 MOLEX1-0050362296 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 12 Circuits, LCP
0050362462 MOLEX1-0050362462 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 6 Circuits, LCP
0039303032 MOLEX3-0039303032 Datasheet
257Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Single Row, Right Angle, with PCB Mounting Flanges
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com