Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43640-0201 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43640-0201
Description  MICRO-FIT (3.0) IN-LINE 2 THRU 12 CIRCUIT PLUG W/ OPTIONAL PANEL MOUNTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

43640-0201 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43640-0201 Datasheet HTML 1Page - Molex Electronics Ltd. 43640-0201 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 43640-0201

ManufacturerPart #DatasheetDescription
logo
MolexKits
43640-0201 MOLEXKITS-43640-0201 Datasheet
38Kb / 2P
   3.00mm(.118)Pitch Single Row Free Hanging Plug and Receptacle
43640-0201 MOLEXKITS-43640-0201 Datasheet
21Kb / 3P
   Plugs, Receptacles
43640-0201 MOLEXKITS-43640-0201 Datasheet
22Kb / 3P
   Plugs, Receptacles
logo
Molex Electronics Ltd.
43640-0201 MOLEX5-43640-0201 Datasheet
259Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Plug Housing, Single Row, without Panel Mount Ears, 2 Circuits
43640-0201 MOLEX11-43640-0201 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 2 Circuits
More results

Similar Description - 43640-0201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43020-0200 MOLEX-43020-0200 Datasheet
216Kb / 1P
   MICRO-FIT(3.0) 2 THRU 24 CIRCUIT PLUG WITH OPTIONAL PANEL MOUNTS
43025-0200 MOLEX-43025-0200 Datasheet
163Kb / 1P
   MICRO-FIT (3.0) 2 THRU 24 CIRCUIT RECEPTACLE
43645-0200 MOLEX-43645-0200 Datasheet
147Kb / 1P
   MICRO-FIT (3.0) 2 THRU 12 SINGLE ROW RECEPTACLE
44300-1200 MOLEX11-44300-1200 Datasheet
38Kb / 1P
   Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 12 Circuits
0436401210 MOLEX1-0436401210_18 Datasheet
46Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, 12 Circuits, UL 94V-2, Panel Mount Ears
43640-1200 MOLEX11-43640-1200 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, with Panel Mount Ears, 12 Circuits
43640-1201 MOLEX11-43640-1201 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 12 Circuits
43020-1200 MOLEX11-43020-1200 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-1401 MOLEX11-43020-1401 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-0208 MOLEX11-43020-0208 Datasheet
58Kb / 2P
   Micro-Fit 3.0 Plug Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com