Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-45560-001 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # SD-45560-001
Description  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

SD-45560-001 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button SD-45560-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 9Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 10Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 11Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 12Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
9 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-001
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
9
5.2.3
Reflow Profile
While the production solder reflow profile is typically established by the customer, based on their specific application, generic reflow
profiles can be found
in Product Specification PS-44828-001. The profiles are provided for reference purposes only.
5.2.4
Inspection
Solder joints should be inspected using established conventional methods.
5.3 45339 Plug Module for Wire Termination
5.3.1
Applicable Wire Sizes
Copper conductor size: 22 to 34 AWG (stranded wires are recommended for flexibility) may be used,
however, 22 to 28 AWG conductors are necessary to transmit 1.5 Amperes DC continuously.
Maximum insulation diameter: 1.6mm
NOTE: Small conductor sizes are suitable for the transmission of digital signals, and may improve wire bundle flexibility and harness
workability.
5.3.2
Wire Preparation
Strip length: 2.0 ~ 2.5mm
Pre-tinning is recommended.
5.3.3
Inspection
Solder joints should be inspected using established conventional methods
.
5.4 45593 Plug Module for PCB Termination
5.4.1
PCB Layout
See the applicable Sales Drawing for an illustration of the recommended PCB hole layout.
5.4.2
Inspection
Solder joints should be inspected using established conventional methods
.


Similar Part No. - SD-45560-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-45560-002 MOLEX-SD-45560-002 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
More results

Similar Description - SD-45560-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
448281162 MOLEX-448281162 Datasheet
1Mb / 27P
   0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
logo
SUYIN USA, INC.
300001MA003XX00XX SUYIN-USA-300001MA003XX00XX Datasheet
79Kb / 1P
   3.00mm PITCH BATTERY CONN-CRADLE
300004MB004XX00XX SUYIN-USA-300004MB004XX00XX Datasheet
79Kb / 1P
   3.00mm pitch battery conn-cradle
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
logo
FCI connector
61082 FCI-CONNECTOR-61082 Datasheet
473Kb / 6P
   BERCSTAK 0.8MM RECEPTACLE ASSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com