Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39-30-0082 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39-30-0082
Description  MINI-FIT JR RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39-30-0082 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39-30-0082 Datasheet HTML 1Page - Molex Electronics Ltd. 39-30-0082 Datasheet HTML 2Page - Molex Electronics Ltd. 39-30-0082 Datasheet HTML 3Page - Molex Electronics Ltd. 39-30-0082 Datasheet HTML 4Page - Molex Electronics Ltd. 39-30-0082 Datasheet HTML 5Page - Molex Electronics Ltd. 39-30-0082 Datasheet HTML 6Page - Molex Electronics Ltd. 39-30-0082 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


Similar Part No. - 39-30-0082

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-0080 MOLEX3-39-30-0080 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating
39-30-0080 MOLEX11-39-30-0080 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating
39-30-0083 MOLEX3-39-30-0083 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
39-30-0084 MOLEX3-39-30-0084 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
39-30-0086 MOLEX-39-30-0086 Datasheet
376Kb / 2P
   MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS
More results

Similar Description - 39-30-0082

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-6025 MOLEX-39-30-6025 Datasheet
376Kb / 2P
   MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS
39-29-9023 MOLEX-39-29-9023 Datasheet
371Kb / 2P
   MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS
0050361779 MOLEX3-0050361779 Datasheet
189Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Pegs, 4 Circuits
0050362377 MOLEX3-0050362377 Datasheet
233Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Pegs, 6 Circuits
0050362462 MOLEX1-0050362462_18 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 6 Circuits
0050362296 MOLEX1-0050362296_18 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 12 Circuits
0039295163 MOLEX3-0039295163 Datasheet
248Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange
0050362296 MOLEX1-0050362296 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 12 Circuits, LCP
0050362462 MOLEX1-0050362462 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 6 Circuits, LCP
0039303032 MOLEX3-0039303032 Datasheet
257Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Single Row, Right Angle, with PCB Mounting Flanges
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com