Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87715-9202 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 87715-9202
Description  PCI EXPRESS EDGE CARD CONNECTOR (LEAD FREE VERSION)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

87715-9202 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  87715-9202 Datasheet HTML 1Page - Molex Electronics Ltd. 87715-9202 Datasheet HTML 2Page - Molex Electronics Ltd. 87715-9202 Datasheet HTML 3Page - Molex Electronics Ltd. 87715-9202 Datasheet HTML 4Page - Molex Electronics Ltd. 87715-9202 Datasheet HTML 5Page - Molex Electronics Ltd. 87715-9202 Datasheet HTML 6Page - Molex Electronics Ltd. 87715-9202 Datasheet HTML 7Page - Molex Electronics Ltd. 87715-9202 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image


Similar Part No. - 87715-9202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87715-9202 MOLEX9-87715-9202 Datasheet
337Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 98 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38關m (15關) Gold (Au) Plating, with Plastic Pegs
More results

Similar Description - 87715-9202

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCIE-36-1 ADAM-TECH-PCIE-36-1 Datasheet
183Kb / 2P
   PCI & MINI PCI EXPRESS 1.00mm & 0.8mm CARD EDGE CONNECTOR
logo
SUYIN USA, INC.
100040FS064S401NA SUYIN-USA-100040FS064S401NA Datasheet
107Kb / 1P
   PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
100040FS036S401ZA SUYIN-USA-100040FS036S401ZA Datasheet
107Kb / 1P
   PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
100040FS064S400ZA SUYIN-USA-100040FS064S400ZA Datasheet
107Kb / 1P
   PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
100040FS036S401NA SUYIN-USA-100040FS036S401NA Datasheet
107Kb / 1P
   PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
100040FS036S400NA SUYIN-USA-100040FS036S400NA Datasheet
107Kb / 1P
   PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
100040FS064S401ZA SUYIN-USA-100040FS064S401ZA Datasheet
107Kb / 1P
   PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
100040FS098S400ZA SUYIN-USA-100040FS098S400ZA Datasheet
107Kb / 1P
   PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
100040FS098S401NA SUYIN-USA-100040FS098S401NA Datasheet
107Kb / 1P
   PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
logo
TE Connectivity Ltd
2364427 TEC-2364427 Datasheet
2Mb / 7P
   PCI EXPRESS CARD EDGE CONNECTOR GEN5, STD
Rev. D1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com