Selected language     English  ā–¼


T-10210 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10210
Description  T1/CEPT PULSE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
RHOMBUS INDUSTRIES INC.
FSCM NO. 16714
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
1/24/94
T-10210
PHYSICAL DIMENSIONS
All dimensions in inches (mm)
R
UL 1459 Recognized
T1/CEPT PULSE TRANSFORMER
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
1.2
mH
Leakage Inductance
0.55
ĀµH
Interwinding Capacitance (C
W/W)
30
pF
Primary DC Resistance
0.7
ohms
Secondary DC Resistance
1.1
ohms
Isolation (HI-POT)
1.5 Kv
V
RMS
TEST CONDITIONS:
Oscillation Voltage = 20mV
Oscillation Frequency = 100.0 KHz
Inductance measured on Primary winding. Pins 1 - 5.
Turns Ratio ( + 5% )
1CT:2CT
SCHEMATIC DIAGRAM
Temperature Characteristics:
-40o C 700
ĀµH min.
(40% drop in inductance)
+85o C 1.4 mH min.
(15% growth in inductance)
Typical part:
1.7 mH @ +25o C
2.0 mH @ +85o C
1.0 mH @ -40o C
Parts shipped in anti-static
tubes. 50 pieces per tube
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
www.rhombus-ind.com




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl