Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2SB60A Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D2SB60A
Description  General Purpose Rectifiers(600V 2A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D2SB60A Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D2SB60A Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D2SB60A Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D2SB60A Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D2SB60A Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D2SB60A Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D2SB60A Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
600V 2A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
SHINDENGEN
Case : 2S
Unit : mm
D2SB60A
General Purpose Rectifiers
SIL Bridges
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
V
RM
600
V
Average Rectified Forward Current
I
O
50Hz sine wave, R-load
Tl=115℃
2.0
A
50Hz sine wave, R-load
Ta=25℃
1.5
Peak Surge Forward Current
I
FSM
50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25 ℃
120
A
Current Squared Time
I2t
1ms≦t<10ms Tj=25℃
60
A2s
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=1A,
Pulse measurement,Rating of per diode
Max.0.95
V
Reverse Current
I
R
V
R=600V,
Pulse measurement,Rating of per diode
Max.10
μA
Thermal Resistance
θjl
junction to lead
Max.10
℃/W
θja
junction to ambient
Max.47


Similar Part No. - D2SB60A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2SB60A SHINDENGEN-D2SB60A_17 Datasheet
414Kb / 4P
   Single In-line Package
More results

Similar Description - D2SB60A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
GS2A CITC-GS2A Datasheet
91Kb / 3P
   2A Surface Mount General Purpose Rectifiers
GS2AA CITC-GS2AA Datasheet
91Kb / 3P
   2A Surface Mount General Purpose Rectifiers
GS2AAS CITC-GS2AAS Datasheet
458Kb / 3P
   2A Surface Mount General Purpose Rectifiers
GR2005 CITC-GR2005 Datasheet
145Kb / 3P
   2A Leaded Type General Purpose Rectifiers
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60 Datasheet
298Kb / 6P
   General Purpose Rectifiers(600V 4A)
D4F60 SHINDENGEN-D4F60 Datasheet
339Kb / 7P
   General Purpose Rectifiers(600V 4A)
D5SB60 SHINDENGEN-D5SB60 Datasheet
325Kb / 6P
   General Purpose Rectifiers(600V 6A)
D5SBA60 SHINDENGEN-D5SBA60 Datasheet
275Kb / 5P
   General Purpose Rectifiers(600V 6A)
LN4SB60 SHINDENGEN-LN4SB60 Datasheet
338Kb / 6P
   General Purpose Rectifiers(600V 4A)
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
   General Purpose Rectifiers(600V 1A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com