Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

009-5762-026 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # 009-5762-026
Description  Digital Meters Loop and Line Powered
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

009-5762-026 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  009-5762-026 Datasheet HTML 1Page - Magnetrol International, Inc. 009-5762-026 Datasheet HTML 2Page - Magnetrol International, Inc. 009-5762-026 Datasheet HTML 3Page - Magnetrol International, Inc. 009-5762-026 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
D I G I T A L M E T E R M O D E L N U M B E R
6 2 0
Line powered 18 DIN
6 5 5
Line powered NEMA 4X
6 8 6
Loop powered NEMA 4X
24 VDC only
6 8 7
Loop powered XP
24 VDC only
7 6 5
Line powered 18 DIN
METER TYPE
0
115/230 VAC
620, 655 & 765 only
2
24 VDC
655, 686, 687, 692, 765
SUPPLY VOLTAGE
MOUNTING KITS
1
Indication only
2
2 relays
620 & 655 only
3
4-20 mA retransmit
620 & 655 only
4
2 relays and 4-20 mA retransmit 620 & 655 only
5
4 relays
620 & 655 only
6
4 relays and 4-20 mA retransmit 620 & 655 only
OUTPUT/OPTIONS
00
9
57
Model 009-5762-02X is suitable
for 12 or 24 VDC supply voltage
Model 009-5776-50X is suitable
for 85-265 VAC or 90-265 VDC
supply voltage
Model 009-5776-52X is suitable
for 12-36 VDC supply voltage
Model 009-5762-00X is suitable
for 85-265 VAC supply voltage
036-3817-001
Panel mounting kit for
Model 655
036-3817-002
2" pipe mounting kit for
Model 655
036-3817-003
Panel mounting kit for
Model 686
036-3817-004
2" pipe mounting kit for
Models 686 & 687
M O D E L N U M B E R C R O S S - R E F E R E N C E
Magnetrol
Precision Digital
Model
Model
009-5762-021
PD6200-7R0
009-5762-022
PD6200-7R2
009-5762-023
PD6200-7R3
009-5762-024
PD6200-7R5
009-5762-025
PD6200-7R4
009-5762-026
PD6200-7R7
009-5762-001
PD6200-6R0
009-5762-002
PD6200-6R2
009-5762-003
PD6200-6R3
009-5762-004
PD6200-6R5
009-5762-005
PD6200-6R4
Magnetrol
Precision Digital
Model
Model
009-5762-006
PD6200-6R7
009-5765-501
PD655-N
009-5765-502
PD655-44
009-5765-503
PD655-45
009-5765-504
PD655-46
009-5765-505
PD655-47
009-5765-506
PD655-48
009-5765-521
PD655-2-N
009-5765-522
PD655-2-44
009-5765-523
PD655-2-45
009-5765-524
PD655-2-46
Magnetrol
Precision Digital
Model
Model
009-5765-525
PD655-2-47
009-5765-526
PD655-2-48
009-5768-621
PD686
009-5768-721
PD687-EX
009-5776-501
PD765-6RO
009-5776-521
PD765-6RO-1
036-3817-001
PDA6554
036-3817-002
PDA6545
036-3817-003
PDA6844
036-3817-004
PDA6845


Similar Part No. - 009-5762-026

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
009-540 HUAXINAN-009-540 Datasheet
97Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
009-540 HUAXINAN-009-540 Datasheet
97Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
009-540 HUAXINAN-009-540 Datasheet
97Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
More results

Similar Description - 009-5762-026

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5048 GMI-D5048 Datasheet
147Kb / 2P
   I.S. SIL3 Loop-Powered Digital Output Driver
logo
TT Electronics.
DS3102 TTELEC-DS3102 Datasheet
688Kb / 4P
   Loop Powered Indicator
logo
Cynergy3 Co
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
   Loop Powered Isolator
logo
G.M. International
D5244 GMI-D5244 Datasheet
142Kb / 2P
   I.S. SIL2/3 Loop-Powered Digital Relay Output
logo
M-System Co.,Ltd.
LDSN MSYSTEM-LDSN Datasheet
114Kb / 3P
   INPUT LOOP POWERED ISOLATOR
logo
Cynergy3 Co
SC20ALMDC CYNERGY3-SC20ALMDC Datasheet
64Kb / 1P
   Loop Powered Trip Amplifier
logo
G.M. International
D1046 GMI-D1046 Datasheet
292Kb / 2P
   Digital Output Loop / Bus Powered DIN-Rail Model D1046Y
D1045 GMI-D1045 Datasheet
368Kb / 4P
   Digital Output Loop / Bus Powered DIN-Rail Model D1045Y
logo
Analog Devices
AD7713 AD-AD7713_17 Datasheet
330Kb / 29P
   Loop-Powered Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T1100L-F MORNSUN-T1100L-F Datasheet
265Kb / 2P
   PASSIVE LOOP-POWERED ISOLATION TRANSMITTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com