Selected language     English  ā–¼


T-10239_98 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10239_98
Description  T1/CEPT Pulse Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 z FAX: (714) 896-0971
FSCM
No. 16714
Name:
Sheet:
Date:
Rhombus P/N:
Cust. P/N:
1 of 1
T-10239
SCHEMATIC DIAGRAM
Primary Pins 2-6
T1/CEPT Pulse Transformer
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
20mV, @ 100.0 KHz
1.2
mH
Leakage Inductance
20mV, @ 100.0 KHz
1.1
ĀµH
Interwinding Capacitance (C
W/W)
@ 100.0 KHz
50
pF
Primary DC Resistance
1.0
ohms
Secondary DC Resistance
1.0
ohms
Isolation (HI-POT)
1.5 Kv
VRMS
Turns Ratio ( + 5% )
1CT : 1CT
Temperature Range
-40o to +85o C
7/10/98
640-1034-01
Electrical Specifications @ 25o C
PHYSICAL DIMENSIONS
inches (mm)




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl