Selected language     English  ▼


T-10347 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10347
Description  Digital Audio Data Transmission Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
RHOMBUS INDUSTRIES INC.
FSCM NO. 16714
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
10/12/96
T-10347
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
Digital Audio Data Transmission Transformer
(For Use with Crystal Semiconductor's CS8401, CS8402)
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
2.0
3.0
mHy
Leakage Inductance
0.50
µHy
Rise Time
25
nSec
DC Resistance
0.7
ohms
Isolation (HI-POT)
2.0
KV
RMS
ET Product
20
V
µS
Common Mode Rejection
70
dB
(@ 1MHz in 100
Ω System)
Return Loss (100kHz - 10MHz)
22
dB
3 dB bandwidth 100kHz to 10 MHz typical
TEST CONDITIONS:
Oscillation Voltage = 20mV
Oscillation Frequency = 100.0 KHz
Turns Ratio ( + 5% )
1 : 1
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Operating Temperature:
00C to +700C
SCHEMATIC DIAGRAM:
Parts shipped in anti-static
tubes. 44 pieces per tube
Tape & Reel
Available
Note: Unused Pins omitted
www.rhombus-ind.com




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl