Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z3PK10150DH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # Z3PK10150DH
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

Z3PK10150DH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  Z3PK10150DH Datasheet HTML 1Page - Zowie Technology Corporation Z3PK10150DH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(150V / 10A)
Z3PK10150DH
Schottky Barrier Diode
* Halogen-free type
* Lead free product, compliance to RoHS
* Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability, low VF
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* Patented ZPAK
TM Package Technology
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Designed as bypass diodes for solar panels
APPLICATION
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
MECHANICAL DATA
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
V
IF(AV)
A
IFSM
A
Tj
TSTG
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Operating junction temperature Range
Z3PK10150DH
150
250
-55 to +150
-55 to +150
Rating
10
Repetitive peak reverse voltage
Storage temperature Range
oC
oC
2011/06
REV. 0
Unit : mm
OUTLINE DIMENSIONS
MARKING
Case : Z3PAK
Top View
Bottom View
Pad Layout
2.0
3.2
1.4
4.0
1.0
1.048
3.36
1.39
1.84
LEFT PIN
RIGHT PIN
BOTTOMSIDE
HEAT SINK
Electrical characteristics (Ta = 25
o
C)
VF
IF = 10A
ITEM
Symbol
Conditions
Min.
Typ.
V
Max.
Unit
Forward voltage (NOTE 1)
oC/W
-
22
-
Rth(JL)
Junction to lead (NOTE 2)
oC/W
-
60
-
Rth(JA)
Junction to ambient (NOTE 2)
Thermal resistance
oC/W
-
20
-
Rth(JC)
Junction to case (NOTE 2)
mA
-
0.78
0.82
-
0.01
0.10
IRRM
Repetitive peak reverse current
VR = Max. VRRM, Ta = 25
oC
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C.B. with 14 x 14mm copper pad areas.
(3) Preliminary specification.


Similar Part No. - Z3PK10150DH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
Z3PK10150H ZOWIE-Z3PK10150H Datasheet
76Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - Z3PK10150DH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com