Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

344-0442-100 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 344-0442-100
Description  Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

344-0442-100 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  344-0442-100 Datasheet HTML 1Page - Magnetrol International, Inc. 344-0442-100 Datasheet HTML 2Page - Magnetrol International, Inc. 344-0442-100 Datasheet HTML 3Page - Magnetrol International, Inc. 344-0442-100 Datasheet HTML 4Page - Magnetrol International, Inc. 344-0442-100 Datasheet HTML 5Page - Magnetrol International, Inc. 344-0442-100 Datasheet HTML 6Page - Magnetrol International, Inc. 344-0442-100 Datasheet HTML 7Page - Magnetrol International, Inc. 344-0442-100 Datasheet HTML 8Page - Magnetrol International, Inc. 344-0442-100 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
1.0
Installation
Caution: Read entire section prior to starting installation.
1.1
Unpacking
Unpack the instrument carefully. Make sure all components
have been removed from the packing material. Inspect all
components for damage. Check the contents of the packing
slip and report any discrepancies to the factory. Check the
nameplate model number to be sure it agrees with the pack-
ing slip and purchase order. Check and record the serial
number for future reference when ordering parts.
Model Number
Serial Number
1.2
Mounting
1.2.1 Transmitter Location
The transmitter enclosure should be securely fastened to an
appropriate supporting structure, in a location that permits
easy access for maintenance. Avoid locations that are
exposed to direct sunlight, flooding, high levels of radiated
electromagnetic interference, and excessive vibration or
shock.
1.2.2 Transducer Location
Model 384/385 transducers must be mounted directly over
the material to be measured. Both floor and wall mount
transducer brackets are available for use over open tanks or
channels. Flange mounts are available for use with closed
vessels. If mounted in a location where there is intense,
extreme, direct sunlight, a sunshade is recommended.
Proper mounting and wiring of the ultrasonic transducer is
of the utmost importance. Both the accuracy and the relia-
bility of the Model 344/345 can be adversely affected if the
transducer is mounted improperly.
NOTE: The 344/345 requires a blocking distance between the trans-
ducer and the maximum liquid level. The minimum blocking
distance is 12 inches (305 mm) for Model 345 and 18 inches
(460 mm) for Model 344. At temperatures above +140° F
(+60° C) minimum, it is 18 inches for either model. Maximum
blocking distance should be limited to approximately 10 feet
(3 m) as this blocking distance is extended at the expense of
the useful span over which the instrument operates.
4
Echotel Model 344/345 Ultrasonic Non-contact Transmitter
Figure 1
Transducer Sunshade
Sunshade


Similar Part No. - 344-0442-100

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
344-0442-101 MAGNETROL-344-0442-101 Datasheet
305Kb / 12P
   Echotel짰 Models 344/345 Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
More results

Similar Description - 344-0442-100

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
344-0442-101 MAGNETROL-344-0442-101 Datasheet
305Kb / 12P
   Echotel짰 Models 344/345 Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
335-AA1A-G5P MAGNETROL-335-AA1A-G5P Datasheet
172Kb / 4P
   Echotel짰 Model 335 Non-Contact Ultrasonic Transmitter for Level, Volume, or Open Channel Flow
335-AA10-G5P MAGNETROL-335-AA10-G5P Datasheet
845Kb / 44P
   Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
355-500A-10B MAGNETROL-355-500A-10B Datasheet
469Kb / 8P
   Echotel짰 Model 355 Non-Contact Ultrasonic Two-Wire Transmitter for Level, Volume, or Open Channel Flow
300-R010-45G MAGNETROL-300-R010-45G Datasheet
546Kb / 36P
   Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
355-500A-10R MAGNETROL-355-500A-10R Datasheet
907Kb / 60P
   Two-Wire Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
300-R010-45L MAGNETROL-300-R010-45L Datasheet
223Kb / 12P
   Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
logo
Endress+Hauser Group Se...
TI00440F EH-TI00440F Datasheet
2Mb / 28P
   Ultrasonic Level Measurement Compact transmitters for non-contact level measurement of fluids, pastes and coarse bulk materials
logo
Schneider Electric
LR01 SCHNEIDER-LR01 Datasheet
78Kb / 2P
   Non-contact radar for measuring distance, level and volume of liquids and pastes
Apr 26, 2022
IMT25 SCHNEIDER-IMT25 Datasheet
155Kb / 2P
   Magnetic flow transmitters, Flow, Hart
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com