Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

704-5010-130 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # 704-5010-130
Description  GuidedWave Radar Level Transmitter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

704-5010-130 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button 704-5010-130 Datasheet HTML 7Page - Magnetrol International, Inc. 704-5010-130 Datasheet HTML 8Page - Magnetrol International, Inc. 704-5010-130 Datasheet HTML 9Page - Magnetrol International, Inc. 704-5010-130 Datasheet HTML 10Page - Magnetrol International, Inc. 704-5010-130 Datasheet HTML 11Page - Magnetrol International, Inc. 704-5010-130 Datasheet HTML 12Page - Magnetrol International, Inc. 704-5010-130 Datasheet HTML 13Page - Magnetrol International, Inc. 704-5010-130 Datasheet HTML 14Page - Magnetrol International, Inc. 704-5010-130 Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
8
57-603 Horizon Guided Wave Radar Transmitter
2.4.3 Installing the Transmitter
The Horizon transmitter can only be ordered for installation
as an integral configuration.
NOTE: Model 704 transmitters may not show an error and indicate a
LEVEL value > 0 when disconnected from probe.
x Remove the protective plastic caps from the top of the
probe and bottom of the transmitter. Put the caps in a safe
place in the event transmitter has to be removed later.
y Place the transmitter on the probe. Be careful not to bend
or dirty the gold high frequency (male) connector.
z Hand-tighten the connection securely.
2.5
Wiring
Caution: The Horizon transmitter operates at voltages of 12-28 VDC.
Higher voltage will damage the transmitter.
Wiring between the power supply and the Horizon trans-
mitter should be made using 18-22 AWG shielded twisted
pair instrument cable. Within the transmitter enclosure,
connections are made to the terminal strip and the ground
connections. The instructions for wiring the Horizon trans-
mitter depend on the application:
• General Purpose or Non-Incendive (Cl I, Div. 2)
• Intrinsically Safe
• Explosion Proof
WARNING! Explosion hazard. Do not disconnect equipment unless
power has been switched off or the area is known to be
non-hazardous.
NOTE: Do not apply more than 10 ft. lbs. to conduit entries on the
Valox housing.
2.5.1 General Purpose or Non-Incendive (Cl
I
, Div. 2)
• A general purpose installation does not have flammable
media present.
• Areas rated Non-Incendive (Cl I, Div. 2) have flammable
media present only under abnormal conditions (no spe-
cial electrical connections are required).
• If flammable media is contained in the vessel, the trans-
mitter must be installed per Cl I, Div. 1 standards of area
classification.
x
y
z
Model 704


Similar Part No. - 704-5010-130

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
704-5010-131 MAGNETROL-704-5010-131 Datasheet
484Kb / 12P
   Horizon??Model 704 Guided Wave Radar Level Transmitter
More results

Similar Description - 704-5010-130

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
   GuidedWave Radar Level Transmitter
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
   Pulse Burst Radar Level Transmitter
R82-510A-011 MAGNETROL-R82-510A-011 Datasheet
1Mb / 12P
   Model R82 Pulse Burst Radar Level Transmitter
704-5010-131 MAGNETROL-704-5010-131 Datasheet
484Kb / 12P
   Horizon??Model 704 Guided Wave Radar Level Transmitter
705-5100-111 MAGNETROL-705-5100-111 Datasheet
1Mb / 28P
   Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
logo
Schneider Electric
LR65 SCHNEIDER-LR65 Datasheet
91Kb / 2P
   Non-contact radar level transmitter for powders and dusty atmospheres
Apr 26, 2022
LR74 SCHNEIDER-LR74 Datasheet
79Kb / 2P
   Non-contact radar level transmitter for agitated and corrosive liquids
Apr 26, 2022
LR54 SCHNEIDER-LR54 Datasheet
81Kb / 2P
   Non-contact radar level transmitter for liquids in basic process applications
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com