Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

704-5010-131 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 704-5010-131
Description  Horizon??Model 704 Guided Wave Radar Level Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

704-5010-131 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  704-5010-131 Datasheet HTML 1Page - Magnetrol International, Inc. 704-5010-131 Datasheet HTML 2Page - Magnetrol International, Inc. 704-5010-131 Datasheet HTML 3Page - Magnetrol International, Inc. 704-5010-131 Datasheet HTML 4Page - Magnetrol International, Inc. 704-5010-131 Datasheet HTML 5Page - Magnetrol International, Inc. 704-5010-131 Datasheet HTML 6Page - Magnetrol International, Inc. 704-5010-131 Datasheet HTML 7Page - Magnetrol International, Inc. 704-5010-131 Datasheet HTML 8Page - Magnetrol International, Inc. 704-5010-131 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
C O A X I A L
P R O B E
M A T R I X
Recommended for
Clean, high
pressure liquids
< +400° F (+200° C)
Not recommended for
Coating and buildup,
foam, steam
Materials/Wetted parts
316L SS, TFE,
Borosilicate, Inconel X750
Optional
Hastelloy C, Monel
Process seal
Borosilicate
Spacers
TFE
Diameter
Standard
∅ .3125" (8 mm) rod
∅ .875" (22 mm) tube
Enlarged
∅ .63" (15 mm) rod
∅ 1.75" (45 mm) tube
Process connection thread
Standard
3
4" NPT, 1" BSP
Enlarged
2" NPT
Flange ANSI (DIN)
Standard
1 to 4" (DN25 to 100)
Enlarged
2 to 4" (DN50 to 100)
Length
24 to 240" (60 to 610 cm)
Transition zone

Top
1" (25 mm) @
ε
r = 1.4
6" (150 mm) @
ε
r = 80
Bottom
6" (150 mm) @
ε
r = 1.4
1" (25 mm) @
ε
r = 80
Process temperature
Ž
Maximum
+400° F @ 5500 psig
(+200° C @ 379 bar)
Minimum/cryogenic
-320° F @ 6250 psig
(-195° C @ 430 bar)
Process pressure
maximum
6250 psig @ +70° F
(431 bar @ +20° C)
Minimum/vacuum service
Yes, not hermetic
(< 10-8 cc/sec @ 1 atmos.)
Dielectric range
1.7 to 100
Maximum viscosity (cP)
Standard
500
Enlarged
1500
Mounting effects
None
Coating/Buildup
No
Foam
No
Corrosives
Yes
Hygienic
No
Overfill
No
Approvals
FM
Yes
CSA
Yes
ATEX
Yes
OTHER
No
7XP High Pressure


Similar Part No. - 704-5010-131

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
   GuidedWave Radar Level Transmitter
More results

Similar Description - 704-5010-131

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
705-5100-111 MAGNETROL-705-5100-111 Datasheet
1Mb / 28P
   Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
R82-510A-011 MAGNETROL-R82-510A-011 Datasheet
1Mb / 12P
   Model R82 Pulse Burst Radar Level Transmitter
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
   GuidedWave Radar Level Transmitter
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
   GuidedWave Radar Level Transmitter
logo
Schneider Electric
LG01 SCHNEIDER-LG01 Datasheet
89Kb / 2P
   Guided wave radar (TDR) for measuring distance, level, volume and mass
Apr 26, 2022
logo
Magnetrol International...
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
   Pulse Burst Radar Level Transmitter
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
   Kotron짰 Model 805 Smart RF Level Transmitter
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
   Kotron짰 Model 82 CE RF Level Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com