Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX16240DT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74LCX16240DT
Description  Low-Voltage CMOS 16-Bit Buffer With 5V-Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX16240DT Datasheet(HTML) 1 Page - Motorola, Inc

  MC74LCX16240DT Datasheet HTML 1Page - Motorola, Inc MC74LCX16240DT Datasheet HTML 2Page - Motorola, Inc MC74LCX16240DT Datasheet HTML 3Page - Motorola, Inc MC74LCX16240DT Datasheet HTML 4Page - Motorola, Inc MC74LCX16240DT Datasheet HTML 5Page - Motorola, Inc MC74LCX16240DT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1996
8/96
Low-Voltage CMOS
16-Bit Buffer
With 5V-Tolerant Inputs and Outputs
(3-State, Inverting)
The MC74LCX16240A is a high performance, inverting 16–bit buffer
operating from a 2.7 to 3.6V supply. The device is nibble controlled. Each
nibble has separate Output Enable inputs which can be tied together for
full 16–bit operation. High impedance TTL compatible inputs significantly
reduce current loading to input drivers while TTL compatible outputs offer
improved switching noise performance. A VI specification of 5.5V allows
MC74LCX16240A inputs to be safely driven from 5V devices. The
LCX16240A is suitable for memory address driving and all TTL level bus
oriented transceiver applications.
Current drive capability is 24mA at the outputs. The Output Enable
(OEn) inputs, when HIGH, disable the outputs by placing them in a HIGH
Z condition.
Designed for 2.7 to 3.6V VCC Operation
4.9ns Maximum tpd
5V Tolerant — Interface Capability With 5V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
JEDEC Standard JESD–36 Compatible
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (20µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
The MC74LCX16240A contains sixteen inverting buffers with 3–state
5V–tolerant outputs. The device is nibble controlled with each nibble
functioning identically, but independently. The control pins may be tied
together to obtain full 16–bit operation. The 3–state outputs are controlled
by an Output Enable (OEn) input for each nibble. When OEn is LOW, the
outputs are on. When OEn is HIGH, the outputs are in the high
impedance state.
MC74LCX16240A
LOW–VOLTAGE
CMOS 16–BIT BUFFER
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 1201–01
PIN NAMES
Function
Output Enable Inputs
Inputs
Outputs
Pins
OEn
D0–D15
O0–O15


Similar Part No. - MC74LCX16240DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16240DT MOTOROLA-MC74LCX16240DT Datasheet
118Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT BUFFER
logo
ON Semiconductor
MC74LCX16240DTR2 ONSEMI-MC74LCX16240DTR2 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
More results

Similar Description - MC74LCX16240DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
   Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74LCX16244AFT TOSHIBA-TC74LCX16244AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
February 2003
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162244 STMICROELECTRONICS-74LCX162244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16240 STMICROELECTRONICS-74LCX16240 Datasheet
239Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
logo
Fairchild Semiconductor
74LCX16244 FAIRCHILD-74LCX16244 Datasheet
70Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCXZ16244 FAIRCHILD-74LCXZ16244 Datasheet
203Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com