Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV201YFMR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201YFMR
Description  VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV201YFMR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV201YFMR Datasheet HTML 3Page - Texas Instruments DRV201YFMR Datasheet HTML 4Page - Texas Instruments DRV201YFMR Datasheet HTML 5Page - Texas Instruments DRV201YFMR Datasheet HTML 6Page - Texas Instruments DRV201YFMR Datasheet HTML 7Page - Texas Instruments DRV201YFMR Datasheet HTML 8Page - Texas Instruments DRV201YFMR Datasheet HTML 9Page - Texas Instruments DRV201YFMR Datasheet HTML 10Page - Texas Instruments DRV201YFMR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
G3
G2
A1
A0
R/nW
ACK
Start
G1
G0
A2
S7
S6
S2
S1
S5
S4
S3
S0
ACK
D7
D6
D2
D1
D5
D4
D3
D0
ACK
Stop
Slave Address + R/nW
Sub Address
Data
DRV201
www.ti.com
SLVSB25
– AUGUST 2011
VCM DRIVER OUTPUT STAGE OPERATION
Current in the VCM can be controlled with a linear or PWM mode output stage. Output stage is enabled in
ACTIVE mode which can be controlled through VCM_CURRENT control register and the output stage mode is
selected from MODE register bit PWM/LIN.
In linear mode the output PMOS is configured to a high side current source and current can be controlled from a
VCM_CURRENT registers.
In PWM control the VCM is driven with a half bridge driver. With PWM control the VCM current is increased by
connecting the VCM between VBAT and GND through the high side PMOS and then released to a ‘freewheeling’
mode through the sense resistor and low side NMOS. Current in the VCM is sensed with a 1-
Ω sense resistor
which is connected into an error amplifier input where the other input is controlled by the 10-bit DAC output.
PWM mode switching frequency can be selected from 0.5 MHz up to 4 MHz through a CONTROL register. PWM
or linear mode can be selected with the PWM/LIN bit in the MODE register.
RINGING COMPENSATION
VCM current can be controlled via an I2C interface and VCM_CURRENT registers. Lens stack is connected to a
spring which causes a dampened ringing in the lens position when current is changed. This mechanical ringing is
compensated internally by generating an optimized ramp when ever the current value in the VCM_CURRENT
register is changed. This enables a fast auto focus algorithm and pleasant user experience.
Ringing compensation is dependent on the VCM resonance frequency and this can be controlled via
VCM_FREQ register from 50 Hz up 152 Hz with 0.4-Hz steps. Ringing compensation is designed in a way that it
can tolerate
±20% frequency variation in the VCM resonance frequency so only statistical data from the VCM is
needed in production.
I
2C BUS OPERATION
The DRV201 hosts a slave I2C interface that supports data rates up to 400 kbit/s and auto-increment addressing
and is compliant to I2C standard 3.0.
Figure 2. Subaddress in I2C Transmission
Start
– Start condition
G(3:0)
– Group ID: Address fixed at '0001'
A(2:0)
– Device Address: Address fixed at '110'
R/nW
– Read/not Write select bit
ACK
– Acknowledge
S(7:0)
– Subaddress: Defined per register map
D(7:0)
– Data: Data to be loaded into the device
Stop
– Stop condition
The I2C Bus is a communications link between a controller and a series of slave terminals. The link is established
using a two-wire bus consisting of a serial clock signal (SCL) and a serial data signal (SDA). The serial clock is
sourced from the controller in all cases where the serial data line is bi-directional for data communication
between the controller and the slave terminals. Each device has an open drain output to transmit data on the
serial data line. An external pull-up resistor must be placed on the serial data line to pull the drain output high
during data transmission.
Copyright
© 2011, Texas Instruments Incorporated
7


Similar Part No. - DRV201YFMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201YFMR TI1-DRV201YFMR Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
More results

Similar Description - DRV201YFMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201A TI-DRV201A Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201 TI1-DRV201_15 Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com