Electronic Components Datasheet Search |
|
DRV8803DWR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
DRV8803DWR Datasheet(HTML) 7 Page - Texas Instruments |
7 / 15 page IN1 IN4 IN3 IN2 nENBL OUT1 OUT2 OUT3 OUT4 DRV8803 www.ti.com SLVSAW5A – JULY 2011 – REVISED JULY 2011 FUNCTIONAL DESCRIPTION Output Drivers The DRV8803 contains four protected low-side drivers. Each output has an integrated clamp diode connected to a common pin, VCLAMP. VCLAMP can be connected to the main power supply voltage, VM. It can also be connected to a zener or TVS diode to VM, allowing the switch voltage to exceed the main supply voltage VM. This connection can be beneficial when driving loads that require very fast current decay, such as unipolar stepper motors. In all cases, the voltage on the outputs must not be allowed to exceed the maximum output voltage specification. Parallel Interface Operation The DRV8803 is controlled with a simple parallel interface. Logically, the interface is shown in Figure 2. Figure 2. Parallel Interface Operation nENBL and RESET Operation The nENBL pin enables or disables the output drivers. nENBL must be low to enable the outputs. Note that nENBL has an internal pulldown. The RESET pin, when driven active high, resets internal logic. All inputs are ignored while RESET is active. Note that RESET has an internal pulldown. An internal power-up reset is also provided, so it is not required to drive RESET at power-up. Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): DRV8803 |
Similar Part No. - DRV8803DWR |
|
Similar Description - DRV8803DWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |