Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA314AIDCKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA314AIDCKR
Description  3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA314AIDCKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA314AIDCKR Datasheet HTML 6Page - Texas Instruments OPA314AIDCKR Datasheet HTML 7Page - Texas Instruments OPA314AIDCKR Datasheet HTML 8Page - Texas Instruments OPA314AIDCKR Datasheet HTML 9Page - Texas Instruments OPA314AIDCKR Datasheet HTML 10Page - Texas Instruments OPA314AIDCKR Datasheet HTML 11Page - Texas Instruments OPA314AIDCKR Datasheet HTML 12Page - Texas Instruments OPA314AIDCKR Datasheet HTML 13Page - Texas Instruments OPA314AIDCKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0
1
2
3
4
5
Common-Mode Input Voltage (V)
0.5
1.5
2.5
3.5
4.5
5.5
20
18
16
14
12
10
V = ±2.75 V
f = 1 kHz
S
1000
900
800
700
600
500
400
300
200
100
0
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
I
OS
I
B
100k
10k
1k
1
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
V = ±2.75 V
S
V = ±0.9 V
S
6
5
4
3
2
1
0
10k
100k
1M
10M
Frequency (Hz)
V
= 5.5 V
IN
IN
IN
V
= 3.3 V
V
= 1.8 V
R = 10 k
C = 10 pF
W
L
L
3
2
1
0
1
2
3
-
-
-
0
5
10
15
20
25
30
35
40
Output Current (mA)
V = ±2.75 V
S
-40°C
+25°C
+125°C
40
20
0
20
-
10k
100k
1M
10M
Frequency (Hz)
G = 1 V/V
-
G = +1 V/V
G = +10 V/V
V = 1.8 V
S
OPA314
OPA2314
OPA4314
SBOS563B
– MAY 2011 – REVISED DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
VOLTAGE NOISE
INPUT BIAS AND OFFSET CURRENT
vs COMMON-MODE VOLTAGE
vs TEMPERATURE
Figure 13.
Figure 14.
OPEN-LOOP OUTPUT IMPEDANCE
MAXIMUM OUTPUT VOLTAGE
vs FREQUENCY
vs FREQUENCY AND SUPPLY VOLTAGE
Figure 15.
Figure 16.
OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT (OVER TEMPERATURE)
CLOSED-LOOP GAIN vs FREQUENCY
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA314 OPA2314 OPA4314


Similar Part No. - OPA314AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA314AIDCKR TI-OPA314AIDCKR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314AIDCKR TI1-OPA314AIDCKR Datasheet
1Mb / 45P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - OPA314AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com