Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7372 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS7372
Description  4-Channel Video Amplifier with One CVBS and Three Full-HD Filters with 6-dB Gain
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7372 Datasheet(HTML) 1 Page - Texas Instruments

  THS7372 Datasheet HTML 1Page - Texas Instruments THS7372 Datasheet HTML 2Page - Texas Instruments THS7372 Datasheet HTML 3Page - Texas Instruments THS7372 Datasheet HTML 4Page - Texas Instruments THS7372 Datasheet HTML 5Page - Texas Instruments THS7372 Datasheet HTML 6Page - Texas Instruments THS7372 Datasheet HTML 7Page - Texas Instruments THS7372 Datasheet HTML 8Page - Texas Instruments THS7372 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
75 W
Y'/G'Out
CVBSOut
CVBS
37.4 W
Y'/G'
37.4 W
P’ /B'
B
37.4 W
P’ /R'
R
37.4 W
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CVBSOUT
DISCVBS
GND
DISFHD
FHD1OUT
FHD2OUT
FHD3OUT
CVBSIN
NC
V
S+
NC
FHD1IN
FHD2IN
FHD3IN
THS7372
+2.7Vto
+5V
75 W
P' /B'Out
B
75 W
P' /R'Out
R
75 W
Disable
CVBS
Disable
FHD
THS7372
www.ti.com
SBOS578
– AUGUST 2011
4-Channel Video Amplifier with One CVBS and Three Full-HD Filters with 6-dB Gain
Check for Samples: THS7372
1
FEATURES
DESCRIPTION
Fabricated using the revolutionary, complementary
2345
• One SDTV Video Amplifier for CVBS Video
Silicon-Germanium (SiGe) BiCom3X process, the
Three Fixed Full-HD 1080p60 Filters for
THS7372 is a low-power, single-supply, 2.7-V to 5-V,
Y
’/P’B/P’R, G’B’R’, or Computer RGB Outputs
four-channel integrated video buffer. It incorporates
Sixth-Order Low-Pass Filters:
one SDTV filter and three fixed Full-HD (also known
as
True-HD)
HDTV
filters.
All
filters
feature
– SD Channel: –3 dB at 9.5 MHz
sixth-order Butterworth characteristics that are useful
– Fixed Full-HD Channels: –3 dB at 72 MHz
as digital-to-analog converter (DAC) reconstruction
Versatile Input Biasing:
filters
or
as
analog-to-digital
converter
(ADC)
anti-aliasing filters.
– DC-Coupled with 300-mV Output Shift
– AC-Coupled with Sync-Tip Clamp or Bias
The THS7372 has flexible input coupling capabilities,
and can be configured for either ac- or dc-coupled
Built-in 6-dB Gain (2 V/V)
inputs. The 300-mV output level shift allows for a full
+2.7-V to +5-V Single-Supply Operation
sync dynamic range at the output with 0-V input.
Rail-to-Rail Output:
AC-coupled modes include a transparent sync-tip
clamp for CVBS, Y', and G'B'R' signals. AC-coupled
– Output Swings within 100 mV from the
biasing for P'B/P'R channels can easily be achieved
Rails: Allows AC or DC Output Coupling
by adding an external resistor to VS+.
– Supports Driving Two Video Lines/Channel
The THS7372 is an ideal choice for a wide range of
Low Total Quiescent Current: 23.4 mA at 3.3 V
video buffer applications. Its rail-to-rail output stage
Disabled Supply Current Function: 0.1
μA
with 6-dB gain allows for both ac and dc line driving.
Low Differential Gain/Phase: 0.2%/0.35
°
The ability to drive two lines, or 75-
Ω loads, allows for
maximum flexibility as a video line driver. The
RoHS-Compliant TSSOP-14 Package
23.4-mA total quiescent current at 3.3 V and 0.1
μA
(disabled mode) makes it well-suited for systems that
APPLICATIONS
must meet power-sensitive Energy Star® standards.
Set Top Box Output Video Buffering
The THS7372 is available in a TSSOP-14 package
PVR/DVDR Output Buffering
that is lead-free and green (RoHS-compliant).
BluRay
™ Output Video Buffering
Single-Supply, DC-Input/DC-Output Coupled Video Line Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
BluRay is a trademark of Blu-ray Disc Association (BDA).
3
Energy Star is a registered trademark of Energy Star.
4
Macrovision is a registered trademark of Macrovision Corporation.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7373 TI-THS7373 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373IPW TI-THS7373IPW Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373IPW TI-THS7373IPW Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373IPWR TI-THS7373IPWR Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
More results

Similar Description - THS7372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7376 TI-THS7376 Datasheet
3Mb / 61P
[Old version datasheet]   4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
THS7376 TI1-THS7376_14 Datasheet
3Mb / 62P
[Old version datasheet]   4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
logo
3PEAK INC.
TPF144 3PEAK-TPF144 Datasheet
406Kb / 13P
   4-channel Video Amplifier with 1-CVBS and 3-1080p Full-HD Filters
logo
Texas Instruments
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7373 TI-THS7373_10 Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7374 TI-THS7374 Datasheet
817Kb / 37P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com