Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1604AIDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1604AIDR
Description  High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1604AIDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA1604AIDR Datasheet HTML 7Page - Texas Instruments OPA1604AIDR Datasheet HTML 8Page - Texas Instruments OPA1604AIDR Datasheet HTML 9Page - Texas Instruments OPA1604AIDR Datasheet HTML 10Page - Texas Instruments OPA1604AIDR Datasheet HTML 11Page - Texas Instruments OPA1604AIDR Datasheet HTML 12Page - Texas Instruments OPA1604AIDR Datasheet HTML 13Page - Texas Instruments OPA1604AIDR Datasheet HTML 14Page - Texas Instruments OPA1604AIDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
10k
1k
100
10
1
100
1k
10k
100k
1M
Source Resistance, R ( )
W
S
OPA164x
OPA160x
E
= e
O
n
S
+ (i R ) + 4kTR
n
S
2
2
2
R
S
E
O
Resistor
Noise
OPA160x
Output
R
F
Input
-
+
R
I
OPA1602
OPA1604
www.ti.com
SBOS474B
– APRIL 2011 – REVISED NOVEMBER 2011
INPUT PROTECTION
The equation in Figure 33 shows the calculation of
the total circuit noise, with these parameters:
The input terminals of the OPA1602 and OPA1604
en = Voltage noise
are protected from excessive differential voltage with
in = Current noise
back-to-back diodes, as Figure 32 illustrates. In most
circuit applications, the input protection circuitry has
RS = Source impedance
no consequence. However, in low-gain or G = +1
k = Boltzmann
’s constant = 1.38 × 10–23 J/K
circuits, fast ramping input signals can forward bias
T = Temperature in degrees Kelvin (K)
these diodes because the output of the amplifier
cannot respond rapidly enough to the input ramp.
This effect is illustrated in Figure 17 of the Typical
Characteristics. If the input signal is fast enough to
create this forward bias condition, the input signal
current must be limited to 10mA or less. If the input
signal current is not inherently limited, an input series
resistor (RI) and/or a feedback resistor (RF) can be
used to limit the signal input current. This resistor
degrades the low-noise performance of the OPA160x
and is examined in the following Noise Performance
section. Figure 32 shows an example configuration
when both current-limiting input and feeback resistors
are used.
Figure 33. Noise Performance of the OPA160x in
Unity-Gain Buffer Configuration
BASIC NOISE CALCULATIONS
Design of low-noise op amp circuits requires careful
consideration
of
a
variety
of
possible
noise
contributors: noise from the signal source, noise
generated in the op amp, and noise from the
feedback network resistors. The total noise of the
circuit is the root-sum-square combination of all noise
Figure 32. Pulsed Operation
components.
The resistive portion of the source impedance
NOISE PERFORMANCE
produces thermal noise proportional to the square
Figure 33 shows the total circuit noise for varying
root of the resistance. Figure 33 plots this equation.
source impedances with the op amp in a unity-gain
The source impedance is usually fixed; consequently,
configuration (no feedback resistor network, and
select the op amp and the feedback resistors to
therefore no additional noise contributions).
minimize the respective contributions to the total
noise.
The OPA160x (GBW = 35MHz, G = +1) is shown with
total circuit noise calculated. The op amp itself
Figure 34 illustrates both inverting and noninverting
contributes both a voltage noise component and a
op amp circuit configurations with gain. In circuit
current noise component. The voltage noise is
configurations
with
gain,
the
feedback
network
commonly modeled as a time-varying component of
resistors also contribute noise. The current noise of
the offset voltage. The current noise is modeled as
the op amp reacts with the feedback resistors to
the time-varying component of the input bias current
create additional noise components. The feedback
and reacts with the source resistance to create a
resistor values can generally be chosen to make
voltage component of noise. Therefore, the lowest
these noise sources negligible. The equations for
noise op amp for a given application depends on the
total noise are shown for both configurations.
source
impedance.
For
low
source
impedance,
current
noise
is
negligible,
and
voltage
noise
generally dominates. The low voltage noise of the
OPA160x series op amps makes them a better
choice for low source impedances of less than 1k
Ω.
Copyright
© 2011, Texas Instruments Incorporated
11
Product Folder Link(s): OPA1602 OPA1604


Similar Part No. - OPA1604AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AID TI1-OPA1602AID Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AIDGK TI1-OPA1602AIDGK Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AIDGKR TI1-OPA1602AIDGKR Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AIDR TI1-OPA1602AIDR Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
More results

Similar Description - OPA1604AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com