Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHB75 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # MHB75
Description  75W DC-DC Half-Brick Regulated Single Output Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MHB75 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  MHB75 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MHB75 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MHB75 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MHB75 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MHB75 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. MHB75 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SWITCHINGFREQUENCY (Typ.)
EXTERNAL TRIM ADJ.RANGE(Typ.)
VOLTAGERANGE
SURGEVOLTAGE(100msmax.)
UNDERVOLTAGELOCKOUT
EFFICIENCY (Typ.)
INPUT
REMOTECONTROL
OUTPUTTRIMMING
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
CASEMATERIAL
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
OUTPUTOVERCURRENT
OUTPUTOVERVOLTAGE(Typ.)
DCCURRENT
FULL LOAD
NOLOAD
5V
12V
24V
5V
12V
24V
5V
12V
24V
75W
0~15A
0~6.25A
0~3.13A
0~15A
0~6.25A
0~3.13A
0~15A
0~6.25A
0~3.13A
75mVp-p
100mVp-p
10000uF
87%
240mVp-p
2000uF
87%
75mVp-p
10000uF
84%
24VDC
18~36VDC
50VDC
Powerup:17VDC,Powerdown:16VDC
100mVp-p
10000uF
88%
240mVp-p
2000uF
88%
75mVp-p
10000uF
84%
48VDC
36~75VDC
100VDC
Powerup:34VDC,Powerdown:32.5VDC
100mVp-p
10000uF
89%
240mVp-p
2000uF
89%
1.0%
0.2%
0.2%
400KHzfor12/24Vin,300KHzfor48Vin
10%
83%
9~18VDC
25VDC
Powerup:8.8VDC,Powerdown:8VDC
7570mA
7200mA
7200mA
3780mA
50mA
3650mA
3650mA
1900mA
50mA
1800mA
1800mA
50mA
110~150% ratedoutputpower
Protectiontype:Canbecontinuous,recoversautomaticallyafterfaultconditionisremoved
100
5
ofcasetemperature
-40~+100
; Thermalshutdownat100
5
ofcasetemperature(pleasereferto"ThermalCurve")
Pleasereferto"RemoteON/OFFControl"fordetails
10%,Pleasereferto"ExternalOutput Trimming"fordetails
0%~95%RHmax.
-55~+105
,0~95%RH
0.03%/
(0~60
Aluminum
1000Khrs
.MIL-HDBK-217F(25
)
typ
57.9*61
mm(2.28
"*0.5")(L*W*H)
*12.7
"*2.40
92g
1. All parameters NOT specially mentioned are measured at 12,24,48VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 1uf ceramic & 10uf tantalum capacitor across output.
3. The power supply need to connect "+Vout" to "+R.S" and "-Vout" to "-R.S".
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
FileName:MHB75-SPEC2011-09-08
75WDC-DCHalf-BrickRegulatedSingleOutputConverter
Half-brick size (2.28" 2.4" 0.5") with industry standard pin out
2:1 wide input range
Protections: Short circuit / Over current / Over voltage / Over temperature
High efficiency up to 89%
1500VDC I/O isolation
Built-in remote ON/OFF control
Built-in remote sense
Trimming output 10%
Five-sided shield metal case
Optional heat sinks for extended operating temperature
Output 2.5V/3.3V/15V available
Approvals: UL / CUL / CE
3 years warranty
function
Features :
M H B 7 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGE ACCURACY Note.3
ISOLATIONVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1500VDC,I/P-Case:1500VDC,O/P-Case:1500VDC
I/P-O/P:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
PROTECTION
FUNCTION
RATEDDCINPUT
12VDC
OUTPUTSHORTCIRCUIT
OVERTEMPERATURE
FILTER
Pi-network
115~140%ratedoutputvoltage
Protectiontype:Overcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Outputvoltageclampby TVSdiode
CompliancetoEN55022(CISPR22)Class A withexternalcomponents (pleasereferto"EMCSuggestionCircuit")
CompliancetoEN61000-4-2,3,4,5,6,8;EN55024,lightindustrylevel,criteria A
SAFETY &
OPERATING
EMC
(Note4)
MHB75-12S05 MHB75-12S12 MHB75-12S24 MHB75-24S05 MHB75-24S12 MHB75-24S24 MHB75-48S05 MHB75-48S12 MHB75-48S24
SAFETY STANDARDS
UL60950-1approved
EMCIMMUNITY
EMCEMISSION
EXTERNAL CAPACITIVELOAD(max.) 10000uF
WORKINGTEMPERATURE (Typ.)


Similar Part No. - MHB75

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MHB CIT-MHB Datasheet
142Kb / 2P
   CIT SWITCH
logo
Cree, Inc
MHB-A CREE-MHB-A Datasheet
1Mb / 28P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHB-B CREE-MHB-B Datasheet
1Mb / 25P
   Flexible 9?멫, 18?멫 or 36?멫 options
logo
Mean Well Enterprises C...
MHB100 MEANWELL-MHB100 Datasheet
842Kb / 6P
   100W DC-DC Half-Brick Regulated Single Output Converter
MHB100-24S05 MEANWELL-MHB100-24S05 Datasheet
842Kb / 6P
   100W DC-DC Half-Brick Regulated Single Output Converter
More results

Similar Description - MHB75

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MHB150 MEANWELL-MHB150 Datasheet
840Kb / 6P
   150W DC-DC Half-Brick Regulated Single Output Converter
MHB100 MEANWELL-MHB100 Datasheet
842Kb / 6P
   100W DC-DC Half-Brick Regulated Single Output Converter
logo
GAPTEC Electronic GmbH ...
150HBRW4 GAPTEC-150HBRW4 Datasheet
3Mb / 7P
   150W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
450HBAW GAPTEC-450HBAW Datasheet
1Mb / 6P
   450W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW GAPTEC-700HBAW Datasheet
1Mb / 7P
   700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW-1.5 GAPTEC-700HBAW-1.5 Datasheet
1Mb / 8P
   700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
List of Unclassifed Man...
VHB75-D12-S3R3 ETC1-VHB75-D12-S3R3 Datasheet
174Kb / 4P
   VHB75-Single Output Half Brick DC-DC Converter
logo
GAPTEC Electronic GmbH ...
75QBW4 GAPTEC-75QBW4 Datasheet
3Mb / 7P
   75W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
URF4805QB-75WFR3 MORNSUN-URF4805QB-75WFR3 Datasheet
2Mb / 8P
   75W isolated DC-DC converter in 쩌-Brick package Wide Input Voltage, Regulated Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com