Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHB100-24S05 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MHB100-24S05
Description  100W DC-DC Half-Brick Regulated Single Output Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MHB100-24S05 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MHB100-24S05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MHB100-24S05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MHB100-24S05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MHB100-24S05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MHB100-24S05 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. MHB100-24S05 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TheMHB100seriesallowtheusertoswitchthepowerONandOFFelectronicallybytheirremoteON/OFFfeature.
TheMHB100seriesareavailablewith"PositiveLogic"(standard)or"NegativeLogic"(option).
Highsingalhere
disableoutput
Examplecontrolcircuit(positivelogic)
-Vin(pin4)
MHB100
R.C.(pin2)
Logictable
LogicState(pin2)
Negativelogic
Positivelogic
LogicLow-SwitchClosed
PowerOFF(<0.8Vdc)
LogicHigh-SwitchOpen
PowerON(Opencircuit)
PowerON(<0.8Vdc)
PowerOFF(Opencircuit)
Note:1.Logiccompatibility:R.C.(pin2)~-Vin(pin4).
2.Suffix"N"tothemodelnumberwithNegativelogicremoteON/OFF.
100WDC-DCHalf-BrickRegulatedSingleOutputConverter
MHB100 series
RemoteON/OFFControl
MechanicalSpecification
Unit:inch[mm]
FileName:MHB100-SPEC2011-09-08
PinNo. Assignment
R.C.
-Vout
Trim
2
5
7
+Vout
Case
-R.S.
+R.S.
9
3
6
8
+Vin
-Vin
Assignment
Assignment
Assignment
1
4
PinNo.
PinNo.
PinNo.
SIDE VIEW
0.18min.
[4.6]
0.50
[12.7]
R1.50
BOTTOMVIEW
Mounting Inserts M3*0.5
AllDimensionsInInches[mm]
ToleranceInches:X.XX= 0.02,X.XXX= 0.010
Millimeters:X.X= 0.5,X.XX= 0.25
1.90
[48.3]
1
9
2
8
7
3
6
4
5
2.28
[57.9]


Similar Part No. - MHB100-24S05

ManufacturerPart #DatasheetDescription
logo
Dongguan Mentech Optica...
MHB1110SGR15K MNC-MHB1110SGR15K Datasheet
487Kb / 1P
   POWER INDUCTOR
MHB1110SGR15K MNC-MHB1110SGR15K Datasheet
487Kb / 1P
   POWER INDUCTOR
MHB1110SGR15K MNC-MHB1110SGR15K Datasheet
487Kb / 1P
   POWER INDUCTOR
MHB1110SGR15K MNC-MHB1110SGR15K Datasheet
487Kb / 1P
   POWER INDUCTOR
MHB1110SGR15K MNC-MHB1110SGR15K Datasheet
487Kb / 1P
   POWER INDUCTOR
More results

Similar Description - MHB100-24S05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MHB75 MEANWELL-MHB75 Datasheet
840Kb / 6P
   75W DC-DC Half-Brick Regulated Single Output Converter
MHB150 MEANWELL-MHB150 Datasheet
840Kb / 6P
   150W DC-DC Half-Brick Regulated Single Output Converter
logo
GAPTEC Electronic GmbH ...
100HBAW GAPTEC-100HBAW Datasheet
463Kb / 3P
   100W Half-Brick - Single/Dual Output DC-DC Converter - Wide Input -
100QBW4 GAPTEC-100QBW4 Datasheet
1Mb / 5P
   100W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
150HBRW4 GAPTEC-150HBRW4 Datasheet
3Mb / 7P
   150W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
450HBAW GAPTEC-450HBAW Datasheet
1Mb / 6P
   450W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW GAPTEC-700HBAW Datasheet
1Mb / 7P
   700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW-1.5 GAPTEC-700HBAW-1.5 Datasheet
1Mb / 8P
   700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
List of Unclassifed Man...
VHB75-D12-S3R3 ETC1-VHB75-D12-S3R3 Datasheet
174Kb / 4P
   VHB75-Single Output Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com