Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHB100-48S24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # MHB100-48S24
Description  100W DC-DC Half-Brick Regulated Single Output Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MHB100-48S24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  MHB100-48S24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MHB100-48S24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MHB100-48S24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MHB100-48S24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MHB100-48S24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. MHB100-48S24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SWITCHINGFREQUENCY (Typ.)
EXTERNAL TRIM ADJ.RANGE(Typ.)
VOLTAGERANGE
SURGEVOLTAGE(100msmax.)
UNDERVOLTAGELOCKOUT
EFFICIENCY (Typ.)
INPUT
WORKINGTEMPERATURE (Typ.)
REMOTECONTROL
OUTPUTTRIMMING
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
CASEMATERIAL
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
OUTPUTOVERCURRENT
OUTPUTOVERVOLTAGE(Typ.)
DCCURRENT
FULL LOAD
NOLOAD
5V
MHB100-24S05
MHB100-24S12
MHB100-24S24
MHB100-48S05
MHB100-48S12
MHB100-48S24
12V
24V
5V
12V
24V
100W
0~20A
0~8.3A
0~4.17A
0~20A
0~8.3A
0~4.17A
100mVp-p
20000uF
84%
Powerup:17VDC,Powerdown:16VDC
150mVp-p
8300uF
87%
240mVp-p
4170uF
87%
100mVp-p
20000uF
86%
48VDC
36~75VDC
100VDC
Powerup:34VDC,Powerdown:32.5VDC
150mVp-p
8300uF
89%
240mVp-p
4170uF
88%
1.0%
0.2%
0.2%
500KHz
10%
18~36VDC
50VDC
5020mA
50mA
4880mA
4905mA
2480mA
50mA
2445mA
2465mA
110~140% ratedoutputpower
Protectiontype:Canbecontinuous,recoversautomaticallyafterfaultconditionisremoved
-40~+100
; Thermalshutdownat100
5
ofcasetemperature(pleasereferto"ThermalCurve")
Pleasereferto"RemoteON/OFFControl"fordetails
10%,Pleasereferto"ExternalOutput Trimming"fordetails
0%~95%RHmax.
-55~+105
,0~95%RH
0.03%/
(0~60
Aluminum
900Khrstyp.MIL-HDBK-217F(25
)
57.9*61
mm(2.28
"*0.5")(L*W*H)
*12.7
"*2.40
95g
1. All parameters NOT specially mentioned are measured at 24,48VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 1uf ceramic & 10uf tantalum capacitor across output.
3. The power supply need to connect "+Vout" to "+R.S" and "-Vout" to "-R.S".
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
FileName:MHB100-SPEC2011-09-08
100WDC-DCHalf-BrickRegulatedSingleOutputConverter
Half-brick size (2.28" 2.4" 0.5") with industry standard pin out
2:1 wide input range
Protections: Short circuit / Over current / Over voltage / Over temperature
High efficiency up to 89%
1500VDC I/O isolation
Built-in remote ON/OFF control
Built-in remote sense
Trimming output 10%
Five-sided shield metal case
Optional heat sinks for extended operating temperature
Output 2.5V/3.3V/15V available
Approvals: UL / CUL / CE
3 years warranty
function
Features :
MHB100 series
RIPPLE&NOISE(max.) Note.2
VOLTAGE ACCURACY Note.3
ISOLATIONVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1500VDC,I/P-Case:1500VDC,O/P-Case:1500VDC
I/P-O/P:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
PROTECTION
FUNCTION
RATEDDCINPUT
24VDC
OUTPUTSHORTCIRCUIT
FILTER
Pi-network
115~140%ratedoutputvoltage
Protectiontype:Overcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Outputvoltageclamp
Complianceto
(pleasereferto"EMCSuggestionCircuit")
EN55022(CISPR22)Class A withexternalcomponents
CompliancetoEN61000-4-2,3,4,5,6,8;EN55024,lightindustrylevel,criteria A
SAFETY &
OPERATING
EMC
(Note4)
SAFETY STANDARDS
UL60950-1approved
EMCIMMUNITY
EMCEMISSION
EXTERNAL CAPACITIVELOAD(max.)
100
5
ofcasetemperature
OVERTEMPERATURE


Similar Part No. - MHB100-48S24

ManufacturerPart #DatasheetDescription
logo
Dongguan Mentech Optica...
MHB1110SGR15K MNC-MHB1110SGR15K Datasheet
487Kb / 1P
   POWER INDUCTOR
MHB1110SGR15K MNC-MHB1110SGR15K Datasheet
487Kb / 1P
   POWER INDUCTOR
MHB1110SGR15K MNC-MHB1110SGR15K Datasheet
487Kb / 1P
   POWER INDUCTOR
MHB1110SGR15K MNC-MHB1110SGR15K Datasheet
487Kb / 1P
   POWER INDUCTOR
MHB1110SGR15K MNC-MHB1110SGR15K Datasheet
487Kb / 1P
   POWER INDUCTOR
More results

Similar Description - MHB100-48S24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MHB75 MEANWELL-MHB75 Datasheet
840Kb / 6P
   75W DC-DC Half-Brick Regulated Single Output Converter
MHB150 MEANWELL-MHB150 Datasheet
840Kb / 6P
   150W DC-DC Half-Brick Regulated Single Output Converter
logo
GAPTEC Electronic GmbH ...
100HBAW GAPTEC-100HBAW Datasheet
463Kb / 3P
   100W Half-Brick - Single/Dual Output DC-DC Converter - Wide Input -
100QBW4 GAPTEC-100QBW4 Datasheet
1Mb / 5P
   100W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
150HBRW4 GAPTEC-150HBRW4 Datasheet
3Mb / 7P
   150W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
450HBAW GAPTEC-450HBAW Datasheet
1Mb / 6P
   450W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW GAPTEC-700HBAW Datasheet
1Mb / 7P
   700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW-1.5 GAPTEC-700HBAW-1.5 Datasheet
1Mb / 8P
   700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
List of Unclassifed Man...
VHB75-D12-S3R3 ETC1-VHB75-D12-S3R3 Datasheet
174Kb / 4P
   VHB75-Single Output Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com