Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5533 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C5533
Description  Fixed-Point Digital Signal Processors
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5533 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C5533 Datasheet HTML 1Page - Texas Instruments TMS320C5533 Datasheet HTML 2Page - Texas Instruments TMS320C5533 Datasheet HTML 3Page - Texas Instruments TMS320C5533 Datasheet HTML 4Page - Texas Instruments TMS320C5533 Datasheet HTML 5Page - Texas Instruments TMS320C5533 Datasheet HTML 6Page - Texas Instruments TMS320C5533 Datasheet HTML 7Page - Texas Instruments TMS320C5533 Datasheet HTML 8Page - Texas Instruments TMS320C5533 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 155 page
background image
TMS320C5535
TMS320C5534, TMS320C5533, TMS320C5532
SPRS737
– AUGUST 2011
www.ti.com
1.2
Applications
Wireless Audio Devices (e.g., Headsets, Microphones, Speakerphones)
Echo Cancellation Headphones
Portable Medical Devices
Voice Applications
Industrial Controls
Fingerprint Biometrics
Software-defined Radio
1.3
Description
These devices are members of TI's TMS320C5000
™ fixed-point Digital Signal Processor (DSP) product
family and are designed for low-power applications.
The fixed-point DSP is based on the TMS320C55x DSP generation CPU processor core. The C55x DSP
architecture achieves high performance and low power through increased parallelism and total focus on
power savings. The CPU supports an internal bus structure that is composed of one program bus, one
32-bit data read bus and two 16-bit data read buses, two 16-bit data write buses, and additional buses
dedicated to peripheral and DMA activity. These buses provide the ability to perform up to four 16-bit data
reads and two 16-bit data writes in a single cycle. The device also includes four DMA controllers, each
with 4 channels, providing data movement for 16-independent channel contexts without CPU intervention.
Each DMA controller can perform one 32-bit data transfer per cycle, in parallel and independent of the
CPU activity.
The C55x CPU provides two multiply-accumulate (MAC) units, each capable of 17-bit x 17-bit
multiplication and a 32-bit add in a single cycle. A central 40-bit arithmetic/logic unit (ALU) is supported by
an additional 16-bit ALU. Use of the ALUs is under instruction set control, providing the ability to optimize
parallel activity and power consumption. These resources are managed in the Address Unit (AU) and Data
Unit (DU) of the C55x CPU.
The C55x CPU supports a variable byte width instruction set for improved code density. The Instruction
Unit (IU) performs 32-bit program fetches from internal or external memory and queues instructions for the
Program Unit (PU). The Program Unit decodes the instructions, directs tasks to the Address Unit (AU) and
Data Unit (DU) resources, and manages the fully protected pipeline. Predictive branching capability avoids
pipeline flushes on execution of conditional instructions.
The general-purpose input and output functions, along with the 10-bit SAR ADC on the TMS320C5535,
provide sufficient pins for status, interrupts, and bit I/O for LCD displays, keyboards, and media interfaces.
Serial media is supported through two Secure Digital (SD) peripherals, four Inter-IC Sound (I2S Bus
™)
modules, one Serial-Port Interface (SPI) with up to 4 chip selects, one I2C multi-master and slave
interface, and a Universal Asynchronous Receiver/Transmitter (UART) interface.
Additional peripherals include: a high-speed Universal Serial Bus (USB 2.0) device mode only (not
available on TMS320C5532), a real-time clock (RTC), three general-purpose timers with one configurable
as a watchdog timer, and an analog phase-locked loop (APLL) clock generator.
In addition, the TMS320C5535 includes a tightly-coupled FFT Hardware Accelerator. The tightly-coupled
FFT Hardware Accelerator supports 8 to 1024-point (in power of 2) real and complex-valued FFTs.
Furthermore, the device includes three integrated LDOs to power different sections of the device:
ANA_LDO (All devices)
—Provides 1.3 V to the DSP PLL (VDDA_PLL), SAR, and power management
circuits (VDDA_ANA).
2
Fixed-Point Digital Signal Processor
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS320C5535 TMS320C5534 TMS320C5533 TMS320C5532


Similar Part No. - TMS320C5533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5533 TI1-TMS320C5533 Datasheet
1Mb / 156P
[Old version datasheet]   TMS320C5535, C5534, C5533,C5532 FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C5533 TI1-TMS320C5533 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
TMS320C5533AZAY05 TI1-TMS320C5533AZAY05 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
TMS320C5533AZAY10 TI1-TMS320C5533AZAY10 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
TMS320C5533AZAYA05 TI1-TMS320C5533AZAYA05 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320C5533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com