Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0401B Datasheet(PDF) 2 Page - Texas Instruments

Part # TPL0401B
Description  128 TAPS Single Channel Digital Potentiometer with I2C Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401B Datasheet(HTML) 2 Page - Texas Instruments

  TPL0401B Datasheet HTML 1Page - Texas Instruments TPL0401B Datasheet HTML 2Page - Texas Instruments TPL0401B Datasheet HTML 3Page - Texas Instruments TPL0401B Datasheet HTML 4Page - Texas Instruments TPL0401B Datasheet HTML 5Page - Texas Instruments TPL0401B Datasheet HTML 6Page - Texas Instruments TPL0401B Datasheet HTML 7Page - Texas Instruments TPL0401B Datasheet HTML 8Page - Texas Instruments TPL0401B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
WIPER
REGISTER
I C INTERFACE
2
SCL
SDA
VDD
GND
H
W
TPL0401A/B
TPL0401A
TPL0401B
SLIS144
– SEPTEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN FUNCTIONS
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
VDD
Power
Positive Supply Voltage
2
GND
Ground
Ground
3
SCL
Input
I2C Clock
4
SDA
I/O
I2C Data
5
W
I/O
Wiper terminal
6
H
I/O
High terminal
L
I/O
Low terminal
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPL0401A TPL0401B


Similar Part No. - TPL0401B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401B TI1-TPL0401B Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B TI-TPL0401B Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B TI1-TPL0401B Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B TI1-TPL0401B Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401B-10 TI1-TPL0401B-10 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results

Similar Description - TPL0401B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com