Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0501 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPL0501
Description  256 Taps Single Channel Digital Potentiometer With SPI Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0501 Datasheet(HTML) 5 Page - Texas Instruments

  TPL0501 Datasheet HTML 1Page - Texas Instruments TPL0501 Datasheet HTML 2Page - Texas Instruments TPL0501 Datasheet HTML 3Page - Texas Instruments TPL0501 Datasheet HTML 4Page - Texas Instruments TPL0501 Datasheet HTML 5Page - Texas Instruments TPL0501 Datasheet HTML 6Page - Texas Instruments TPL0501 Datasheet HTML 7Page - Texas Instruments TPL0501 Datasheet HTML 8Page - Texas Instruments TPL0501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0
32
64
96
128
160
192
224
Digital Code
+12 5C
+85 C
+25 C
-4 0C
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0
32
64
96
128
160
192
224
Digital Code
+12 5C
+85 C
+25 C
-4 0C
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0
32
64
96
128
160
192
224
Digital Code
+125 C
+85C
+25C
-40C
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0
32
64
96
128
160
192
224
Digital Code
+125 C
+85C
+25C
-40C
-1.00
-0.50
0.00
0.50
1.00
-40
-15
10
35
60
85
110
Temperature (C)
5 .5V
5 .0V
2 .7V
0.00
0.10
0.20
0.30
0.40
-40
-20
0
20
40
60
80
100
120
Temperature (C)
5.5 V
5.0 V
2.7 V
TPL0501
www.ti.com
SLIS136A
– SEPTEMBER 2011 – REVISED SEPTEMBER 2011
TYPICAL CHARACTERISTICS
Figure 2. INL vs TAP POSITION (Potentiometer Mode)
Figure 3. DNL vs TAP POSITION (Potentiometer Mode)
Figure 4. INL vs TAP POSITION (Rheostat Mode)
Figure 5. DNL vs. TAP POSITION (Rheostat Mode)
Figure 6. End to End resistance change vs Temperature
Figure 7. Zero Scale Error vs Temperature
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPL0501


Similar Part No. - TPL0501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100DCNR TI1-TPL0501-100DCNR Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100RSER TI1-TPL0501-100RSER Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results

Similar Description - TPL0501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
   Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com