Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0401A-10DCKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0401A-10DCKR
Description  128 TAPS Single Channel Digital Potentiometer with I2C Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401A-10DCKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPL0401A-10DCKR Datasheet HTML 5Page - Texas Instruments TPL0401A-10DCKR Datasheet HTML 6Page - Texas Instruments TPL0401A-10DCKR Datasheet HTML 7Page - Texas Instruments TPL0401A-10DCKR Datasheet HTML 8Page - Texas Instruments TPL0401A-10DCKR Datasheet HTML 9Page - Texas Instruments TPL0401A-10DCKR Datasheet HTML 10Page - Texas Instruments TPL0401A-10DCKR Datasheet HTML 11Page - Texas Instruments TPL0401A-10DCKR Datasheet HTML 12Page - Texas Instruments TPL0401A-10DCKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Start
Address (01_1110)
0
Ack
Command (00000000)
Ack
Start
Address (01_1110)
0
Ack
Command (00000000)
Ack
reStart
Address (01_1110)
1
Ack
Data Byte
I2C Write to A Register
I2C Read From A Register
Data
Stop
noAck
Stop
Ack
From Processor to DPOT
From
to
DPOT
Processor
SDA
SCL
Start Condition
Stop Condition
S
P
TPL0401A
TPL0401B
www.ti.com
SLIS144
– SEPTEMBER 2011
SLAVE ADDRESS
TPL0401A, TPL0401C
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(MSB)
(LSB)
0
1
0
1
1
1
0
R/W
TPL0401B
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(MSB)
(LSB)
0
1
1
1
1
1
0
R/W
WRITE AND READ PROTOCOL
Standard I
2C Interface Details
The bidirectional I2C bus consists of the serial clock (SCL) and serial data (SDA) lines. Both lines must be
connected to a positive supply via a pullup resistor when connected to the output stages of a device. Data
transfer may be initiated only when the bus is not busy.
I2C communication with this device is initiated by the master sending a start condition, a high-to-low transition on
the SDA input/output while the SCL input is high (see Figure 13). After the start condition, the device address
byte is sent, MSB first, including the data direction bit (R/W). This device does not respond to the general call
address. After receiving the valid address byte, this device responds with an ACK, a low on the SDA input/output
during the high of the ACK-related clock pulse.
Figure 12. Definition of Start and Stop Conditions
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPL0401A TPL0401B


Similar Part No. - TPL0401A-10DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401A-10DCKR TI1-TPL0401A-10DCKR Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10DCKR TI-TPL0401A-10DCKR Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10DCKR TI1-TPL0401A-10DCKR Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10DCKR TI1-TPL0401A-10DCKR Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
More results

Similar Description - TPL0401A-10DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com