Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP5620 Datasheet(PDF) 10 Page - Texas Instruments

Part # VSP5620
Description  16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP5620 Datasheet(HTML) 10 Page - Texas Instruments

Back Button VSP5620 Datasheet HTML 6Page - Texas Instruments VSP5620 Datasheet HTML 7Page - Texas Instruments VSP5620 Datasheet HTML 8Page - Texas Instruments VSP5620 Datasheet HTML 9Page - Texas Instruments VSP5620 Datasheet HTML 10Page - Texas Instruments VSP5620 Datasheet HTML 11Page - Texas Instruments VSP5620 Datasheet HTML 12Page - Texas Instruments VSP5620 Datasheet HTML 13Page - Texas Instruments VSP5620 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
VSP5620
VSP5621
VSP5622
SBES022
– JULY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: VSP5622 (continued)
All specifications at TA = +25°C, supply voltage = +3.3 V, conversion rate = 17.5 MHz, and four-channel mode, unless
otherwise noted.
VSP5622
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED DRIVER
Output current
ILD
60
mA/ch
Off-state leak current
50
µA
Output current tolerance
–10
10
%
Total output current(1)
All channels
132
mA
Channel mismatch
–5
5
%
Current step
16
steps/ch
0.7
4.5
V
Drive voltage
VLD
LED turns off, ILD = 0 mA
6
V
Temperature drift
TA = 0°C to +85°C, design ensured
–2
2
%
POWER SUPPLY
LDO and analog I/O supply voltage
VDD
3.0
3.3
3.6
V
Digital I/O supply voltage
DVDD_IO
3.0
3.3
3.6
V
LVDS/CMOS supply voltage
LVDD
3.0
3.3
3.6
V
LDO and analog I/O current
VDD
133
mA
Digital I/O current
DVDD_IO
Load = 10 pF
7.5
mA
CMOS current
LVDD
10
mA
LVDS current
LVDD
Two-pair data, one-pair clock
18
mA
LVDS, two-pair
523
mW
Power consumption
CMOS output
497
mW
Standby mode (MCLK = 0 MHz)
15
mW
TEMPERATURE RANGE
Operation temperature
TA
0
+85
°C
DLL, PLL
MCLK input frequency
fMCLK
1
23.33
MHz
MCLK modulated frequency
MCLK
> 5 MHz
35
kHz
MCLK modulated amplitude
–3.5
0
%
DLL tap number
32
Taps
Maximum DLL and PLL lock-up time
MCLK = 1 MHz
22
ms
(1)
The total current limitation circuitry is not included.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): VSP5620 VSP5621 VSP5622


Similar Part No. - VSP5620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5610RSHR TI1-VSP5610RSHR Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5611 TI1-VSP5611 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5611RSHR TI1-VSP5611RSHR Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5612 TI1-VSP5612 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
More results

Similar Description - VSP5620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
logo
Texas Instruments
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
National Semiconductor ...
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com