Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP5621RSLR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # VSP5621RSLR
Description  16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP5621RSLR Datasheet(HTML) 2 Page - Texas Instruments

  VSP5621RSLR Datasheet HTML 1Page - Texas Instruments VSP5621RSLR Datasheet HTML 2Page - Texas Instruments VSP5621RSLR Datasheet HTML 3Page - Texas Instruments VSP5621RSLR Datasheet HTML 4Page - Texas Instruments VSP5621RSLR Datasheet HTML 5Page - Texas Instruments VSP5621RSLR Datasheet HTML 6Page - Texas Instruments VSP5621RSLR Datasheet HTML 7Page - Texas Instruments VSP5621RSLR Datasheet HTML 8Page - Texas Instruments VSP5621RSLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
VSP5620
VSP5621
VSP5622
SBES022
– JULY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
VSP5620
QFN-48
RSL
0
°C to +85°C
VSP5620
VSP5620RSLR
Tape and Reel, 2500
VSP5621
QFN-48
RSL
0
°C to +85°C
VSP5621
VSP5621RSLR
Tape and Reel, 2500
VSP5622
QFN-48
RSL
0
°C to +85°C
VSP5622
VSP5622RSLR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over free-air temperature range, unless otherwise noted.
VSP5620, VSP5621, VSP5622
UNIT
Supply voltage: VDD, DVDD_IO, LVDD
4.0
V
Supply voltage difference: VDD, DVDD_IO, LVDD
±0.6
V
Ground voltage difference: VSS, DVSS, LVSS, LEDVSS
±0.1
V
Digital voltage input
–0.3 to DVDD_IO + 0.3
V
Analog voltage input
–0.3 to VDD + 0.3
V
Digital input current
±10
mA
LED driver voltage: LED1, LED2, LED3
7.0
V
Analog input current
±10
mA
Ambient temperature under bias
–40 to +125
°C
Storage temperature
–55 to +150
°C
Junction temperature
+150
°C
Package temperature (IR reflow, peak)
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
LDO and analog I/O power-supply voltage
VDD
3.0
3.3
3.6
V
Digital power-supply voltage
DVDD_IO
3.0
3.3
3.6
V
LVDS/CMOS power-supply voltage
LVDD
3.0
3.3
3.6
V
Supply voltage difference
VDD, DVDD_IO, LVDD
–0.3
0.3
V
Digital input logic family
Low-voltage CMOS
VSP5620
1
11.66
MHz
Master clock frequency (MCLK)
VSP5621
1
16.66
MHz
VSP5622
1
23.33
MHz
Serial I/O clock frequency (SCLK)
10
MHz
Operating free-air temperature
0
+85
°C
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): VSP5620 VSP5621 VSP5622


Similar Part No. - VSP5621RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5610RSHR TI1-VSP5610RSHR Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5611 TI1-VSP5611 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5611RSHR TI1-VSP5611RSHR Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5612 TI1-VSP5612 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
More results

Similar Description - VSP5621RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
logo
Texas Instruments
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
National Semiconductor ...
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com