Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5533AZHHA05 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320C5533AZHHA05
Description  Fixed-Point Digital Signal Processors
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5533AZHHA05 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C5533AZHHA05 Datasheet HTML 1Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 2Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 3Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 4Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 5Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 6Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 7Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 8Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 155 page
background image
TMS320C5535
TMS320C5534, TMS320C5533, TMS320C5532
www.ti.com
SPRS737
– AUGUST 2011
1
Fixed-Point Digital Signal Processor
............... 1
6.1
Parameter Information
.............................. 83
6.2
Recommended Clock and Control Signal Transition
1.1
Features
.............................................. 1
Behavior
............................................ 83
1.2
Applications
.......................................... 2
6.3
Power Supplies
..................................... 84
1.3
Description
........................................... 2
6.4
External Clock Input From RTC_XI, CLKIN, and
USB_MXI Pins
...................................... 87
1.4
Functional Block Diagram
............................ 4
6.5
Clock PLLs
......................................... 91
2
Device Overview
........................................ 6
6.6
Direct Memory Access (DMA) Controller
........... 93
2.1
Device Differences
................................... 6
6.7
Reset
............................................... 94
2.2
Device Characteristics
............................... 6
6.8
Wake-up Events, Interrupts, and XF
............... 98
2.3
C55x CPU
.......................................... 13
6.9
Secure Digital (SD)
................................ 100
2.4
Memory Map Summary
............................. 20
6.10
Real-Time Clock (RTC)
........................... 105
3
Device Pins
............................................. 24
6.11
Inter-Integrated Circuit (I2C)
...................... 108
3.1
Pin Assignments
.................................... 24
6.12
Universal Asynchronous Receiver/Transmitter
3.2
Terminal Functions
................................. 28
(UART)
............................................ 112
4
Device Configuration
................................. 55
6.13
Inter-IC Sound (I2S)
............................... 114
6.14
Liquid Crystal Display Controller (LCDC)
— C5535
4.1
System Registers
................................... 55
Only
............................................... 121
4.2
Power Considerations
.............................. 56
6.15
10-Bit SAR ADC
— C5535 Only
.................. 130
4.3
Clock Considerations
............................... 64
6.16
Serial Port Interface (SPI)
......................... 131
4.4
Boot Sequence
..................................... 66
6.17
Universal Serial Bus (USB) 2.0 Controller
— Does
4.5
Configurations at Reset
............................ 69
Not Apply to C5532
............................... 134
4.6
Configurations After Reset
......................... 70
6.18
General-Purpose Timers
.......................... 141
4.7
Multiplexed Pin Configurations
..................... 72
6.19
General-Purpose Input/Output
.................... 143
4.8
Debugging Considerations
......................... 76
6.20
IEEE 1149.1 JTAG
................................ 147
5
Device Operating Conditions
....................... 78
7
Device and Documentation Support
............. 149
5.1
Absolute Maximum Ratings Over Operating Case
7.1
Device Support
.................................... 149
Temperature Range (Unless Otherwise Noted)
.... 78
7.2
Community Resources
............................ 150
5.2
Recommended Operating Conditions
.............. 79
8
Mechanical Packaging and Orderable
5.3
Electrical Characteristics Over Recommended
Information
............................................ 151
Ranges of Supply Voltage and Operating
8.1
Thermal Data for ZHH
............................. 151
Temperature (Unless Otherwise Noted)
............ 80
8.2
Packaging Information
............................ 151
6
Peripheral Information and Electrical
Specifications
.......................................... 83
Copyright
© 2011, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
focus.ti.com: TMS320C5535 TMS320C5534 TMS320C5533 TMS320C5532


Similar Part No. - TMS320C5533AZHHA05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5533AZHHA05 TI1-TMS320C5533AZHHA05 Datasheet
1Mb / 156P
[Old version datasheet]   TMS320C5535, C5534, C5533,C5532 FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C5533AZHHA05 TI1-TMS320C5533AZHHA05 Datasheet
1Mb / 156P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C5533AZHHA05 TI1-TMS320C5533AZHHA05 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320C5533AZHHA05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com