Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC149 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC149
Description  PROGRAMMABLE ns-PULSE GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC149 Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC149 Datasheet HTML 1Page - IC-Haus GmbH IC149 Datasheet HTML 2Page - IC-Haus GmbH IC149 Datasheet HTML 3Page - IC-Haus GmbH IC149 Datasheet HTML 4Page - IC-Haus GmbH IC149 Datasheet HTML 5Page - IC-Haus GmbH IC149 Datasheet HTML 6Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
preliminary
preliminary
iC149
PROGRAMMABLE ns-PULSE GENERATOR
Rev A0.2, Page 3/6
SETTING THE PULSE WIDTH
Typical pulse widths as follows (measured values in
parentheses):
m = 15 ∆T = 15 * 4 ns = 60 ns (60.2 ns)
m = 14 ∆T = 14 * 4 ns = 56 ns (56.4 ns)
m = 13 ∆T = 13 * 4 ns = 52 ns (52.3 ns)
m = 12 ∆T = 12 * 4 ns = 48 ns (48.7 ns)
m = 11 ∆T = 11 * 4 ns = 44 ns (44.7 ns)
m = 10 ∆T = 10 * 4 ns = 40 ns (40.9 ns)
m = 9 ∆T = 9 * 4 ns = 36 ns (36.7 ns)
m = 8 ∆T = 8 * 4 ns = 32 ns (32.6 ns)
m = 7 ∆T = 7 * 4 ns = 28 ns (28.7 ns)
m = 6 ∆T = 6 * 4 ns = 24 ns (24.7 ns)
m = 5 ∆T = 5 * 4 ns = 20 ns (20.2 ns)
m = 4 ∆T = 4 * 4 ns = 16 ns (15.7 ns)
m = 3 ∆T = 3 * 4 ns = 12 ns (12.4 ns)
m = 2 ∆T = 2 * 4 ns = 8 ns
(7.5 ns)
m = 1 ∆T = 1 * 4 ns = 4 ns
(3.0 ns)
Table 2: m = 1...15 (coarse), n = 0 (fine)
n = 15 ∆T = 4 ns + 15 * 0.25 ns = 7.75 ns (7.2 ns)
n = 14 ∆T = 4 ns + 14 * 0.25 ns = 7.50 ns (6.8 ns)
n = 13 ∆T = 4 ns + 13 * 0.25 ns = 7.25 ns (6.5 ns)
n = 12 ∆T = 4 ns + 12 * 0.25 ns = 7.00 ns (6.2 ns)
n = 11 ∆T = 4 ns + 11 * 0.25 ns = 6.75 ns (6.0 ns)
n = 10 ∆T = 4 ns + 10 * 0.25 ns = 6.50 ns (5.8 ns)
n = 9 ∆T = 4 ns + 9 * 0.25 ns = 6.25 ns (5.5 ns)
n = 8 ∆T = 4 ns + 8 * 0.25 ns = 6.00 ns (4.9 ns)
n = 7 ∆T = 4 ns + 7 * 0.25 ns = 5.75 ns (4.5 ns)
n = 6 ∆T = 4 ns + 6 * 0.25 ns = 5.50 ns (4.4 ns)
n = 5 ∆T = 4 ns + 5 * 0.25 ns = 5.25 ns (4.3 ns)
n = 4 ∆T = 4 ns + 4 * 0.25 ns = 5.00 ns (4.1 ns)
n = 3 ∆T = 4 ns + 3 * 0.25 ns = 4.75 ns (3.9 ns)
n = 2 ∆T = 4 ns + 2 * 0.25 ns = 4.50 ns (3.5 ns)
n = 1 ∆T = 4 ns + 1 * 0.25 ns = 4.25 ns (3.2 ns)
n = 0 ∆T = 4 ns + 0 * 0.25 ns = 4.00 ns (3.0 ns)
Table 3: m = 1 (coarse), n = 1...15 (fine)
n = 15 ∆T = 2.8 ns ±0.4ns (2.8 ns)
n = 14 ∆T = 2.5 ns ±0.4ns (2.6 ns)
n = 13 ∆T = 2.2 ns ±0.4ns (2.1 ns)
n = 12 ∆T = 1.0 ns ±0.4ns (1.1 ns)
n < 12 ∆T = 0.0 ns
Table 4: m = 0 (coarse) und n ≥ 12 (fine)
Formula to calculate the pulse width:
T = (m ∗ 4 ns + n ∗ 0.25 ns) ± 2 ns
1 ≤ m (coarse) ≤ 15,
0 ≤ n (fine)) ≤ 15,
m = 0 s. Tab. 4


Similar Part No. - IC149

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC149 ICHAUS-IC149 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
Yamaichi Electronics Co...
IC149-064-001-B5 YAMAICHI-IC149-064-001-B5 Datasheet
123Kb / 7P
   QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
IC149-064-008-B5 YAMAICHI-IC149-064-008-B5 Datasheet
123Kb / 7P
   QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
IC149-064-075-B5 YAMAICHI-IC149-064-075-B5 Datasheet
123Kb / 7P
   QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
logo
Actel Corporation
IC149-064-175-B5 ACTEL-IC149-064-175-B5 Datasheet
399Kb / 3P
   SY-TQG64, yamaichi lead free prototype socket drawing for TQG64 and TQG64 packages
More results

Similar Description - IC149

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Data Delay Devices, Inc...
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG33F DATADELAY-PPG33F Datasheet
283Kb / 5P
   3-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG33F)
PPG36F DATADELAY-PPG36F Datasheet
50Kb / 5P
   6-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG36F)
PPG38F DATADELAY-PPG38F Datasheet
42Kb / 5P
   8-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG38F)
logo
Festo Corporation.
4025 FESTO-4025 Datasheet
78Kb / 1P
   Pulse generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com