Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-DC Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-DC Datasheet HTML 7Page - IC-Haus GmbH IC-DC Datasheet HTML 8Page - IC-Haus GmbH IC-DC Datasheet HTML 9Page - IC-Haus GmbH IC-DC Datasheet HTML 10Page - IC-Haus GmbH IC-DC Datasheet HTML 11Page - IC-Haus GmbH IC-DC Datasheet HTML 12Page - IC-Haus GmbH IC-DC Datasheet HTML 13Page - IC-Haus GmbH IC-DC Datasheet HTML 14Page - IC-Haus GmbH IC-DC Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
preliminary
preliminary
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev A3, Page 11/19
DESCRIPTION OF FUNCTIONS
DC/DC converter iC-DC generates two regulated volt-
ages of VH1 and VH2 from voltage VBR. These presta-
bilize the two linear regulators VCC1 and VCC2. A
third voltage of VH, also regulated, is generated to
drive these linear regulators. Voltage supply VB may
be either above or below the output voltages. Figure 1
shoes the basic function principle of iC-DC. Switches
S1 to S6 and diode D1 have been implemented on the
chip. The inductor, capacitors, and load resistors are
external devices.
RVH2
CVH2
RVH
RVH1
CVH
CVH1
S2
S4
S5
S6
S3
D1
VH
VH1
VH2
VHL
VBR
VBL
VB
LVBH
S1
LVBH
S1
S3
D1
S2
S4
S5
S6
CVH
CVH1
CVH2
RVH
RVH1
RVH2
Figure 1: Principle of operation of the converter
Another feature of iC-DC is that bias voltages VH1 and
VH2 adjust themselves automatically to approximately
400 mV using the selected VCC1 or VCC2 voltage.
This results in minimum power dissipation as only a
low amount of voltage is lost through each of the linear
regulators.
Charge/discharge phase
During the charge phase switches S1 and S2 close
with the internal clock. A linearly increasing current
flows through coil LVBH. The energy from supply VBR
is stored in the coil’s magnetic field.
Switches S1 and S2 open for discharging. Switch S3
and one of the switches S4/S5/S6 are closed. The cur-
rent can continue to flow in the coil and is supplied to
the relevant capacitor and relevant load. Figure 2 de-
scribes the resulting course of the current and voltage.
The current rise and fall times depend on the inductor
voltage.
Dual 3.3V/5V BOOST/BUCK SMPS, 05.05.2008 11:51:33
V(VHL)
8.887ms
8.888ms
8.889ms
8.89ms
Time (linear) [Plot 0]
0
2V
4V
6V
8V
V(VBL)
-1V
0
1V
2V
3V
4V
I(LVBH)
0
100mA
200mA
300mA
400mA
Figure 2: Converter current/voltage characteristics (VB = 4 V)


Similar Part No. - IC-DC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC Datasheet
846Kb / 19P
   2-CHANNEL BUCK/BOOST DC/DC CONVERTER
IC-DC ICHAUS-IC-DC_17 Datasheet
846Kb / 19P
   2-CHANNEL BUCK/BOOST DC/DC CONVERTER
More results

Similar Description - IC-DC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC_17 Datasheet
846Kb / 19P
   2-CHANNEL BUCK/BOOST DC/DC CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com