Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MU Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-MU
Description  Magnetic off-axis absolute position encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MU Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-MU Datasheet HTML 1Page - IC-Haus GmbH IC-MU Datasheet HTML 2Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
iC-MU
MagnetiC off-axis absolUte position enCoder
Am Kuemmerling 18 • D-55294 Bodenheim, Germany
Tel. +49 61 35/92 92-300 • Fax +49 61 35/92 92-19 2 • http://www.ichaus.com
Rev. 1.0
Besides 2-track nonius computation iC-MU is capable of extend-
ing the rotary or linear absolute position using 3-track nonius
computation. A second iC-MU can be connected up and evalu-
ated using the multiturn interface. In doing so, the length of the
absolute position measurement can be extended.
Besides its automatic signal conditioning functions iC-MU fea-
tures manual compensation of the sine/cosine signal offsets and
phase errors for both channels, allowing it to cope with magnet
errors and encoder assembly inaccuracies.
Upon cycling power iC-MU loads its CRC-protected setup
from the external EEPROM connected up to the I²C interface.
Alternatively, using the SPI interface the device can be config-
ured and operated by an external microcontroller.
This preliminary information is not tantamount to a guarantee of device characteristics. All rights to technical changes reserved
pin Configuration dfn16 5x5 mm²
yyww...
...
MU
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
pin functions
no.
name
function
1
SCL
EEPROM I²C Interface, clock line
2
SDA
EEPROM I²C Interface, data line
3
VPA
+4.5 V to +5.5 V Analog Supply Voltage
4
VNA
Analog Ground
5
PB0
Port B, Pin 0:
Digital I/O, analog output configurable
6
PB1
Port B, Pin 1:
Digital I/O, analog output configurable
7
PB2
Port B, Pin 2:
Digital I/O, analog output configurable
8
PB3
Port B, Pin 3:
Digital I/O, analog output configurable
9
PA3
Port A, Pin 3:
Digital I/O, configurable
10
PA2
Port A, Pin 2:
Digital I/O, configurable
11
PA1
Port A, Pin 1:
Digital I/O, configurable
12
PA0
Port A, Pin 0:
Digital I/O, configurable
13
VND
Digital ground
14
VPD
+4.5 V to +5.5 V Digital Supply Voltage
15
MTD
Multiturn Interface, data line
16
MTC
Multiturn Interface, clock line
TP
Thermal Pad
Key specifications
general
Supply Voltage
+4.5 V to +5.5 V
Supply Current
50 mA max.
Max. Operating Frequency
6.4 kHz
Max. Operating Speed
linear speed to 16 m/s,
rotational speed to 24,000 RPM @ 16
pole pairs, to 12,000 RPM @ 32 pole
pairs, to 6,000 RPM @ 64 pole pairs
Magnetic Field Strength
15 to 100 kA/m
ESD Susceptibility
2 kV (HBM 100 pF, 1.5 k
Ω)
Operational Temperature
-40°C to +95°C
Package (RoHS compliant)
16-pin DFN (5 mm x 5 mm)
sine-to-digital Conversion
Conversion Resolution
up to 12 bits per signal period
(14 bits filtered)
Conversion Accuracy
2 LSB @ 12 bit
Analog Cutoff Frequency
20 kHz (-3 dB)
position resolution
Nonius of 16/15 *
18 bits (filtered), 5 arcsec / 0.156 µm
Nonius of 32/31 *
19 bits (filtered), 2.5 arcsec / 0.156 µm
Nonius of 64/63 *
20 bits (filtered), 1.25 arcsec / 0.156 µm
* No. of signal periods
(18 bits max. for A/B outputs)
absolute linear Measurement distance
Nonius of 32/31
up to 81.9 mm
(signal phase tolerance +/- 40 µm max.)
Nonius of 64/63
up to 163.8 mm
(signal phase tolerance +/- 20 µm max.)
Nonius of 1024/1023/992
up to 2.62 m (two iC-MU cascaded and
operated at 32/31)
output ports
Characteristics
CMOS/TTL compatible, ±4 mA @ 5 V
PAx Port Modes
SPI, SSI, BiSS C, A/B/Z
PBx Port Modes
A/B/Z, U/V/W, STEP/DIR, CW/CCW,
Sin/Cos 250 mVpk
Incremental Signals
A/B to 5 MHz, Z index (adjustable gating)
FlexCount® resolution for 1 to 65536 CPR
Commutation Signals
U/V/W for 1 to 16 pole pairs,
phase shift 60° or 120°
data interfaces
SPI
4-wire, 10 MHz, for position data and config.
BiSS C
up to 38 data bits, error bits, CRC protection,
bidirectional, 10 MHz
SSI
up to 38 bits, error bits, unidirectional, 4 MHz
Multiturn
12 bit SSI, 200 kHz
Magnetic targets (pole wheels)
MU1S 19-16
16/15 pole pairs, OD
Ø 19 mm, bore hole 10M6
MU2S 30-32
32/31 pole pairs, OD
Ø 30 mm, bore hole 10M6
MU3S 56-64
64/63 pole pairs, OD
Ø 56 mm, bore hole 10M6


Similar Part No. - IC-MU

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MU ICHAUS-IC-MU Datasheet
2Mb / 59P
   OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
IC-MU ICHAUS-IC-MU Datasheet
2Mb / 66P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.28MM
IC-MU150 ICHAUS-IC-MU150 Datasheet
2Mb / 64P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.50MM
IC-MU200 ICHAUS-IC-MU200 Datasheet
2Mb / 65P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 2.00MM
IC-MU ICHAUS-IC-MU_13 Datasheet
2Mb / 59P
   OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
More results

Similar Description - IC-MU

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MU150 ICHAUS-IC-MU150 Datasheet
2Mb / 64P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.50MM
IC-MU200 ICHAUS-IC-MU200 Datasheet
2Mb / 65P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 2.00MM
IC-MU ICHAUS-IC-MU_17 Datasheet
2Mb / 66P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.28MM
logo
Vishay Siliconix
RAME030 VISHAY-RAME030 Datasheet
182Kb / 7P
   Rotational Absolute Magnetic Encoder Version 30 mm HP Position Sensor
01-Jan-2022
RAME012 VISHAY-RAME012 Datasheet
157Kb / 5P
   Rotational Absolute Magnetic Encoder Version 12 mm HP Position Sensor
01-Jan-2022
RAMK027 VISHAY-RAMK027 Datasheet
134Kb / 5P
   Rotational Absolute Magnetic Kit Encoder Version 27 mm HP Position Sensors
01-Jan-2022
RAME027 VISHAY-RAME027_V01 Datasheet
376Kb / 3P
   Rotational Absolute Magnetic Encoder Displacement Sensors
01-Jan-2022
RAME027 VISHAY-RAME027_17 Datasheet
87Kb / 3P
   Rotational Absolute Magnetic Encoder Displacement Sensor
Revision: 16-Nov-17
RAME033 VISHAY-RAME033 Datasheet
209Kb / 5P
   Rotational Absolute Magnetic Encoder, 33 mm and 37 mm Displacement Sensor
Revision: 10-Mar-17
RAME027 VISHAY-RAME027 Datasheet
78Kb / 3P
   Rotational Absolute Magnetic Encoder Displacement Sensor
Revision: 08-Dec-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com